Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SF20D600D2 Datasheet (PDF) - KODENSHI_AUK CORP.

SF20D600D2 Datasheet PDF - KODENSHI_AUK CORP.
Part # SF20D600D2
Download  SF20D600D2 Download
File Size   255.73 Kbytes
Page   5 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 600V, 20A ULTRAFAST DUAL RECTIFIERS

SF20D600D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF20D600D2 Datasheet PDF - KODENSHI_AUK CORP.

Part # SF20D600D2
Download  SF20D600D2 Click to download

File Size   255.73 Kbytes
Page   5 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 600V, 20A ULTRAFAST DUAL RECTIFIERS

SF20D600D2 Datasheet (HTML) - KODENSHI_AUK CORP.


SF20D600D2 Product details

Features

 Low forward voltage drop and leakage current

 Ultrafast reverse recovery time (trr<35ns)

 Low power loss and high efficiency

 Dual common cathode rectifier construction

 Full lead (Pb)-free and RoHS compliant device



Applications

 Switching power supply

 Power inverters

 Free-wheeling diode

 Power conversion system

 Motor drives




Similar Part No. - SF20D600D2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF20D200D2 KODENSHI-SF20D200D2 Datasheet
284Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D300D2 KODENSHI-SF20D300D2 Datasheet
253Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
20-APR-12
logo
Diodes Incorporated
SF20DG DIODES-SF20DG Datasheet
62Kb / 2P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. A-2
More results


Similar Description - SF20D600D2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF20A400HPI KODENSHI-SF20A400HPI Datasheet
298Kb / 5P
400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A400HPR KODENSHI-SF20A400HPR Datasheet
313Kb / 5P
400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A600HCI KODENSHI-SF20A600HCI Datasheet
267Kb / 5P
600V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A600HPI KODENSHI-SF20A600HPI Datasheet
297Kb / 5P
600V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D300D2 KODENSHI-SF20D300D2 Datasheet
253Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O034-001 KODENSHI-KSD-D0O034-001 Datasheet
289Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O035-001 KODENSHI-KSD-D0O035-001 Datasheet
291Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O042-001 KODENSHI-KSD-D0O042-001 Datasheet
232Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A400HPI-1 KODENSHI-SF20A400HPI-1 Datasheet
287Kb / 5P
400V, 20A ULTRAFAST DUAL RECTIFIERS
SFN20W200CI KODENSHI-SFN20W200CI Datasheet
209Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com