Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SK10LVE111 Datasheet (PDF) - Semtech Corporation

SK10LVE111 Datasheet PDF - Semtech Corporation
Part # SK10LVE111
Download  SK10LVE111 Download
File Size   150.33 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Voltage 1:9 Differential ECL/ PECL Clock Driver

SK10LVE111 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK10LVE111 Datasheet PDF - Semtech Corporation

Part # SK10LVE111
Download  SK10LVE111 Click to download

File Size   150.33 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Voltage 1:9 Differential ECL/ PECL Clock Driver

SK10LVE111 Datasheet (HTML) - Semtech Corporation


SK10LVE111 Product details

Description
The SK10/100LVE111 is a low skew 1-to-9 differential driver designed with clock distribution in mind. The SK10/100LVE111’s function and performance are similar to the SK100E111, with the added feature of low voltage operation and the enable input. It accepts one signal input which can be either differential or single-ended if the VBB output is used. The signal is fanned out to 9 identical differential outputs.

Features
• 200 ps Part-to-Part Skew
• 50 ps Output-to-Output Skew
• Differential Design
• VBB Output
• Voltage and Temperature Compensated Outputs
• Low Voltage VEE Range of –3.0 to –3.8V
• 75KΩ Internal Input Pulldown Resistors
• Fully Compatible with MC100LVE111
• Specified Over Industrial Temperature Range: –40°C to 85°C
• ESD Protection of >4000V
• Available in 28-pin PLCC Package




Similar Part No. - SK10LVE111

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
More results


Similar Description - SK10LVE111

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
ECL/PECL 1:9 Differential Clock Driver with Enable
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com