Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC74LCX16646 Datasheet (PDF) - Motorola, Inc

MC74LCX16646 Datasheet PDF - Motorola, Inc
Part # MC74LCX16646
Download  MC74LCX16646 Download
File Size   164.43 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER

MC74LCX16646 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX16646 Datasheet PDF - Motorola, Inc

Part # MC74LCX16646
Download  MC74LCX16646 Click to download

File Size   164.43 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER

MC74LCX16646 Datasheet (HTML) - Motorola, Inc


MC74LCX16646 Product details

Low–Voltage CMOS 16–Bit Transceiver/Registered Transceiver
With 5V-Tolerant Inputs and Outputs (3-State, Non-Inverting)

The MC74LCX16646 is a high performance, non–inverting 16–bit transceiver/registered transceiver operating from a 2.7 to 3.6V supply. The device is byte controlled. Each byte has separate control inputs which can be tied together for full 16–bit operation. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX16646 inputs to be safely driven from 5V devices. The MC74LCX16646 is suitable for memory address driving and all TTL level bus oriented transceiver applications.

• Designed for 2.7 to 3.6V VCC Operation
• 5.2ns Maximum tpd
• 5V Tolerant — Interface Capability With 5V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0V
• LVTTL Compatible
• LVCMOS Compatible
• 24mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (20µA)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500mA
• ESD Performance: Human Body Model >2000V; Machine Model >200V




Similar Part No. - MC74LCX16646

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16652 MOTOROLA-MC74LCX16652 Datasheet
172Kb / 10P
LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX16652DT MOTOROLA-MC74LCX16652DT Datasheet
172Kb / 10P
LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
More results


Similar Description - MC74LCX16646

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16652 MOTOROLA-MC74LCX16652 Datasheet
172Kb / 10P
LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Integrated Device Techn...
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
ON Semiconductor
74LCX16543 ONSEMI-74LCX16543 Datasheet
199Kb / 11P
Low Voltage 16-Bit Registered Transceiver
Revised April 2001
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com