Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MM1Z5221B Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

MM1Z5221B Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # MM1Z5221B
Download  MM1Z5221B Download
File Size   676.39 Kbytes
Page   4 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description SILICON PLANAR ZENER DIODES

MM1Z5221B Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1Z5221B Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MM1Z5221B
Download  MM1Z5221B Click to download

File Size   676.39 Kbytes
Page   4 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description SILICON PLANAR ZENER DIODES

MM1Z5221B Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


MM1Z5221B Product details

Features
• Total power dissipation: Max. 500 mW
• Small plastic package suitable for surface mounted design
• Tolerance approximately ± 5%




Similar Part No. - MM1Z5221B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM1Z5221B SEMTECH_ELEC-MM1Z5221B Datasheet
287Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Rectron Semiconductor
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
Gaomi Xinghe Electronic...
MM1Z5221B GXELECTRONICS-MM1Z5221B Datasheet
891Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM1Z5221B DGNJDZ-MM1Z5221B Datasheet
147Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
MM1Z5221B JINGHENG-MM1Z5221B Datasheet
143Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
More results


Similar Description - MM1Z5221B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com