Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC-C057 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C057 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C057_10
Download  HMC-C057 Download
File Size   281.59 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz

HMC-C057 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C057 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C057_10
Download  HMC-C057 Click to download

File Size   281.59 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz

HMC-C057 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC-C057_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C057 HITTITE-HMC-C057 Datasheet
250Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
More results


Similar Description - HMC-C057_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C004 HITTITE-HMC-C004 Datasheet
361Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C026 HITTITE-HMC-C026 Datasheet
509Kb / 6P
WIDEBAND HIGH GAIN POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C036 HITTITE-HMC-C036 Datasheet
344Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.5 - 15 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
295Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C057 HITTITE-HMC-C057 Datasheet
250Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
logo
Analog Devices
HMC6980 AD-HMC6980 Datasheet
345Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHZ
HMC-C582 AD-HMC-C582 Datasheet
214Kb / 10P
0.01 GHz to 20 GHz, Ultra Wideband Power Amplifier Module
9/2016-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com