Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MTE5052W_UBG Datasheet (PDF) - Marktech Corporate

MTE5052W_UBG Datasheet PDF - Marktech Corporate
Part # MTE5052W_UBG
Download  MTE5052W_UBG Download
File Size   635.33 Kbytes
Page   4 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Sensitivity Wavelength: 525nm

MTE5052W_UBG Datasheet (PDF)

Go To PDF Page Download Datasheet
MTE5052W_UBG Datasheet PDF - Marktech Corporate

Part # MTE5052W_UBG
Download  MTE5052W_UBG Click to download

File Size   635.33 Kbytes
Page   4 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Sensitivity Wavelength: 525nm

MTE5052W_UBG Datasheet (HTML) - Marktech Corporate




Similar Part No. - MTE5052W_UBG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5052W MARKTECH-MTE5052W_15 Datasheet
635Kb / 4P
Visible Emitter
More results


Similar Description - MTE5052W_UBG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD5010W MARKTECH-MTD5010W Datasheet
604Kb / 3P
Peak Sensitivity Wavelength: 850nm
MTD5052N MARKTECH-MTD5052N Datasheet
602Kb / 2P
Peak Sensitivity Wavelength: 525nm
MTD5052W MARKTECH-MTD5052W Datasheet
592Kb / 2P
Peak Sensitivity Wavelength: 525nm
MTD8600TT MARKTECH-MTD8600TT Datasheet
705Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTE5052M3A_UBG MARKTECH-MTE5052M3A_UBG Datasheet
641Kb / 4P
Peak Emission Wavelength: 525nm
MTE5052N_UBG MARKTECH-MTE5052N_UBG Datasheet
751Kb / 4P
Peak Emission Wavelength: 525nm
MTE5057W_UYG MARKTECH-MTE5057W_UYG Datasheet
642Kb / 4P
Peak Sensitivity Wavelength: 574nm
MTD8000N4-T MARKTECH-MTD8000N4-T Datasheet
736Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTD8600T4-T MARKTECH-MTD8600T4-T Datasheet
784Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTE5057W-UYG MARKTECH-MTE5057W-UYG Datasheet
642Kb / 4P
Peak Sensitivity Wavelength: 574nm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com