Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BR35 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

BR35 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # BR35
Download  BR35 Download
File Size   1088.38 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

BR35 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR35 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # BR35
Download  BR35 Click to download

File Size   1088.38 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

BR35 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


BR35 Product details

MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

40V-200V 3.0A



FEATURES

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-O

• For surface mounted applications

• Low profile package

• Built-in strain relief

• Metal to silicon rectifier. majority carrier conduction

• Low power loss,high efficiency

• High surge capacity

• For use in low voltage high frequency inverters, free wheeling, and polarity protection applications

• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - BR35

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BR35 PANJIT-BR35 Datasheet
104Kb / 3P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
BR35 ZSELEC-BR35 Datasheet
113Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Yangzhou yangjie electr...
BR35-L005 YANGJIE-BR35-L005 Datasheet
234Kb / 2P
Bridge Rectifier
BR35-L01 YANGJIE-BR35-L01 Datasheet
234Kb / 2P
Bridge Rectifier
BR35-L04 YANGJIE-BR35-L04 Datasheet
234Kb / 2P
Bridge Rectifier
More results


Similar Description - BR35

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR22 PANJIT-SR22_05 Datasheet
39Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22E PANJIT-SR22E Datasheet
188Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_05 Datasheet
50Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BR34 PANJIT-BR34 Datasheet
104Kb / 3P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22 PANJIT-SR22_09 Datasheet
120Kb / 3P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32E PANJIT-SR32E Datasheet
111Kb / 3P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SR24 UTC-SR24 Datasheet
111Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
BR810 PANJIT-BR810 Datasheet
96Kb / 5P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BR36-AU PANJIT-BR36-AU Datasheet
196Kb / 5P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_16 Datasheet
287Kb / 5P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com