Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MHPM7A15A60A Datasheet (PDF) - Motorola, Inc

MHPM7A15A60A Datasheet PDF - Motorola, Inc
Part # MHPM7A15A60A
Download  MHPM7A15A60A Download
File Size   183.89 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Hybrid Power Module

MHPM7A15A60A Datasheet (PDF)

Go To PDF Page Download Datasheet
MHPM7A15A60A Datasheet PDF - Motorola, Inc

Part # MHPM7A15A60A
Download  MHPM7A15A60A Click to download

File Size   183.89 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Hybrid Power Module

MHPM7A15A60A Datasheet (HTML) - Motorola, Inc


MHPM7A15A60A Product details

Hybrid Power Module
Integrated Power Stage for 1.0 hp Motor Drives

The MHPM7A15A60A module integrates a 3-phase input rectifier bridge, 3-phase output inverter, brake transistor/diode, current sense resistor and temperature sensor in a single convenient package.The output inverter utilizes advanced insulated gate bipolar transistors (IGBT) matched with free-wheeling diodes to give optimal dynamic performance. It has been configured for use as a three-phase motor drive module or for many other power switching applications. The top connector pins have been designed for easy interfacing to the user’s control board.

• DC Bus Current Sense Resistor Included
• Short Circuit Rated 10 µs @ 25°C
• Temperature Sensor Included
• Pin-to-Baseplate Isolation exceeds 2500 Vac (rms)
• Convenient Package Outline
• UL Recognized and Designed to Meet VDE
• Access to Positive and Negative DC Bus




Similar Part No. - MHPM7A15A60A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM7A15S120DC3 MOTOROLA-MHPM7A15S120DC3 Datasheet
165Kb / 6P
Hybrid Power Module
More results


Similar Description - MHPM7A15A60A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM6B10N120 MOTOROLA-MHPM6B10N120 Datasheet
265Kb / 10P
Hybrid Power Module
MHPM6B15E60D3 MOTOROLA-MHPM6B15E60D3 Datasheet
129Kb / 5P
Hybrid Power Module
MHPM6B20E60D3 MOTOROLA-MHPM6B20E60D3 Datasheet
124Kb / 5P
Hybrid Power Module
MHPM6B5A120D MOTOROLA-MHPM6B5A120D Datasheet
174Kb / 10P
Hybrid Power Module
MHPM7A15S120DC3 MOTOROLA-MHPM7A15S120DC3 Datasheet
165Kb / 6P
Hybrid Power Module
MHPM7A25S120DC3 MOTOROLA-MHPM7A25S120DC3 Datasheet
165Kb / 6P
Hybrid Power Module
MHPM7A30E60DC3 MOTOROLA-MHPM7A30E60DC3 Datasheet
167Kb / 6P
Hybrid Power Module
MHPM7A5S120DC3 MOTOROLA-MHPM7A5S120DC3 Datasheet
165Kb / 6P
Hybrid Power Module
MHPM7B16A120B MOTOROLA-MHPM7B16A120B Datasheet
268Kb / 10P
Hybrid Power Module
MHPM7B30A60B MOTOROLA-MHPM7B30A60B Datasheet
258Kb / 10P
Hybrid Power Module
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com