Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HUF75321D3ST Datasheet (PDF) - Fairchild Semiconductor

HUF75321D3ST Datasheet PDF - Fairchild Semiconductor
Part # HUF75321D3ST
Download  HUF75321D3ST Download
File Size   836.45 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs

HUF75321D3ST Datasheet (PDF)

Go To PDF Page Download Datasheet
HUF75321D3ST Datasheet PDF - Fairchild Semiconductor

Part # HUF75321D3ST
Download  HUF75321D3ST Click to download

File Size   836.45 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs

HUF75321D3ST Datasheet (HTML) - Fairchild Semiconductor


HUF75321D3ST Product details

These N-Channel power MOSFETs are manufactured using the innovative UltraFET® process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, lowvoltage bus switches, and power management in portable and battery-operated products.

Features
• 20A, 55V
• Simulation Models
    - Temperature Compensating PSPICE® and SABER™ Models
    - Thermal Impedance SPICE and SABER Models Available on the web at: www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HUF75321D3ST

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
HUF75321D3ST VBSEMI-HUF75321D3ST Datasheet
988Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
HUF75321D3ST BYCHIP-HUF75321D3ST Datasheet
905Kb / 4P
N-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - HUF75321D3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75329D3 FAIRCHILD-HUF75329D3 Datasheet
225Kb / 10P
20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75307P3 FAIRCHILD-HUFA75307P3 Datasheet
217Kb / 10P
15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321D3 FAIRCHILD-HUFA75321D3 Datasheet
226Kb / 10P
20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75329D3 FAIRCHILD-HUFA75329D3 Datasheet
311Kb / 10P
20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
June 1999
HUF75321D3 INTERSIL-HUF75321D3 Datasheet
129Kb / 9P
20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
June 1999
HUF75329D3 INTERSIL-HUF75329D3 Datasheet
127Kb / 9P
20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
June 1999
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
June 1999
logo
Fairchild Semiconductor
HUF75321D3 FAIRCHILD-HUF75321D3 Datasheet
226Kb / 10P
20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com