Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

W981208BH Datasheet (PDF) - Winbond

W981208BH Datasheet PDF - Winbond
Part # W981208BH
Download  W981208BH Download
File Size   1502.49 Kbytes
Page   41 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4M x 4 BANKS x 8 BIT SDRAM

W981208BH Datasheet (PDF)

Go To PDF Page Download Datasheet
W981208BH Datasheet PDF - Winbond

Part # W981208BH
Download  W981208BH Click to download

File Size   1502.49 Kbytes
Page   41 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4M x 4 BANKS x 8 BIT SDRAM

W981208BH Datasheet (HTML) - Winbond


W981208BH Product details

GENERAL DESCRIPTION
W981208BH is a high-speed synchronous dynamic random access memory (SDRAM), organized as 4M words x 4 banks x 8 bits. Using pipelined architecture and 0.175 mm process technology, W981208BH delivers a data bandwidth of up to 143M words per second (-7). To fully comply with the personal computer industrial standard, W981208BH is sorted into three speed grades: -7, -75 and - 8H. The -7 is compliant to the 143 MHz/CL3 or PC133/CL2 specification, the -75 is compliant to the PC133/CL3 specification, the -8H is compliant to the PC100/CL2 specification

FEATURES
· 3.3V ±0.3V Power Supply
· Up to 143 MHz Clock Frequency
· 4,194,304 Words x 4 banks x 8 bits organization
· Auto Refresh and Self Refresh
· CAS Latency: 2 and 3
· Burst Length: 1, 2, 4, 8, and full page
· Burst Read, Single Writes Mode
· Byte Data Controlled by DQM
· Power-Down Mode
· Auto-Precharge and Controlled Precharge
· 4K Refresh cycles /64 mS
· Interface: LVTTL
· Packaged in TSOP II 54 pin, 400 mil - 0.80




Similar Part No. - W981208BH

ManufacturerPart #DatasheetDescription
logo
Winbond
W981208AH WINBOND-W981208AH Datasheet
2Mb / 44P
4M x 8 bit x 4 Banks SDRAM
More results


Similar Description - W981208BH

ManufacturerPart #DatasheetDescription
logo
Winbond
W981208AH WINBOND-W981208AH Datasheet
2Mb / 44P
4M x 8 bit x 4 Banks SDRAM
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
4M X 4 BANKS X 16 BIT SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
4M X 4 BANKS X 16 BIT DDR SDRAM
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
4M x 4 BANKS x 16BIT SDRAM
W982508AH WINBOND-W982508AH Datasheet
1Mb / 41P
8M X 4 BANKS X 8 BIT SDRAM
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
4M x 4 BANKS x 16 BIT DDR SDRAM
logo
Elite Semiconductor Mem...
M14D2561616A ESMT-M14D2561616A Datasheet
979Kb / 59P
4M x 16 Bit x 4 Banks DDR II SDRAM
logo
Winbond
W9725G6KB25I-TR WINBOND-W9725G6KB25I-TR Datasheet
1Mb / 87P
4M X 4 BANKS X 16 BIT DDR2 SDRAM
logo
Elite Semiconductor Mem...
M15F5121632A ESMT-M15F5121632A Datasheet
6Mb / 160P
4M x 16 Bit x 8 Banks DDR3 SDRAM
M15T5121632A ESMT-M15T5121632A Datasheet
6Mb / 172P
4M x 16 Bit x 8 Banks DDR3(L) SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com