Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1N5400 Datasheet (PDF) - Kwang Myoung I.S. CO.,LTD

1N5400 Datasheet PDF - Kwang Myoung I.S. CO.,LTD
Part # 1N5400
Download  1N5400 Download
File Size   62.25 Kbytes
Page   2 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description PLASTIC SILICON RECTIFIER

1N5400 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5400 Datasheet PDF - Kwang Myoung I.S. CO.,LTD

Part # 1N5400
Download  1N5400 Click to download

File Size   62.25 Kbytes
Page   2 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description PLASTIC SILICON RECTIFIER

1N5400 Datasheet (HTML) - Kwang Myoung I.S. CO.,LTD


1N5400 Product details

VOLTAGE RANGE: 50 --- 1000 V CURRENT: 3.0 A

FEATURES
◇ Low cost
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Alcohol,Isopropanol
   and similar solvents
◇ The plastic material carries U/L
   recognition 94V-0




Similar Part No. - 1N5400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Pan Jit International I...
1N5400 PANJIT-1N5400 Datasheet
51Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
1N5400 SURGE-1N5400 Datasheet
121Kb / 2P
3.0 AMPS. SILICON RECTIFIERS?
logo
Transys Electronics
1N5400 TRSYS-1N5400 Datasheet
155Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Wing Shing Computer Com...
1N5400 WINGS-1N5400 Datasheet
278Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
More results


Similar Description - 1N5400

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
PLASTIC SILICON RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com