Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

145N Datasheet (PDF) - Mill-Max Mfg. Corp.

145N Datasheet PDF - Mill-Max Mfg. Corp.
Part # 145N
Download  145N Download
File Size   94.09 Kbytes
Page   1 Pages
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.
Description PIN RECEPTACLES for .022??- .032??diameter pins

145N Datasheet (PDF)

Go To PDF Page Download Datasheet
145N Datasheet PDF - Mill-Max Mfg. Corp.

Part # 145N
Download  145N Click to download

File Size   94.09 Kbytes
Page   1 Pages
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.
Description PIN RECEPTACLES for .022??- .032??diameter pins

145N Datasheet (HTML) - Mill-Max Mfg. Corp.




Similar Part No. - 145N

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
145N HAMMOND-145N Datasheet
376Kb / 2P
LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
logo
Wuxi Unigroup Microelec...
145N08A WUMC-145N08A Datasheet
910Kb / 11P
85V N-Channel Trench MOSFET(Preliminary)
V1.0
logo
STMicroelectronics
145N65M5 STMICROELECTRONICS-145N65M5 Datasheet
788Kb / 13P
N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
17-Jan-2013
More results


Similar Description - 145N

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0240-0-15-01-30-02-04-0 MILL-MAX-0240-0-15-01-30-02-04-0 Datasheet
101Kb / 1P
PIN RECEPTACLES for .015??- .025??diameter pins
0252-0-15-01-30-27-10-0 MILL-MAX-0252-0-15-01-30-27-10-0 Datasheet
266Kb / 1P
PIN RECEPTACLES for 0,38 - 0,64 diameter pins
0306-0-19-15-16-27-10-0 MILL-MAX-0306-0-19-15-16-27-10-0 Datasheet
157Kb / 1P
PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0298-4-15-15-06-27-10-0 MILL-MAX-0298-4-15-15-06-27-10-0 Datasheet
94Kb / 1P
PIN RECEPTACLES for .022??- .032??diameter pins
0297-0-15-15-06-27-04-0 MILL-MAX-0297-0-15-15-06-27-04-0 Datasheet
81Kb / 1P
PIN RECEPTACLES for .022??- .032??diameter pins
0293-0-15-15-16-27-10-0 MILL-MAX-0293-0-15-15-16-27-10-0 Datasheet
157Kb / 1P
PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0281-3-17-15-06-27-02-0 MILL-MAX-0281-3-17-15-06-27-02-0 Datasheet
71Kb / 1P
WRAPOST RECEPTACLES for .022??- .032??diameter pins (#06 contact) and .022??- .034??diameter pins (#16 contact)
0312-0-15-01-34-01-10-0 MILL-MAX-0312-0-15-01-34-01-10-0 Datasheet
99Kb / 1P
PIN RECEPTACLES for .032??- .046??diameter pins
146N MILL-MAX-146N Datasheet
157Kb / 1P
PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
168N MILL-MAX-168N Datasheet
71Kb / 1P
WRAPOST RECEPTACLES for .022??- .032??diameter pins (#06 contact) and .022??- .034??diameter pins (#16 contact)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com