Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KTD2059 Datasheet (PDF) - Kwang Myoung I.S. CO.,LTD

KTD2059 Datasheet PDF - Kwang Myoung I.S. CO.,LTD
Part # KTD2059
Download  KTD2059 Download
File Size   4735.33 Kbytes
Page   2 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description Silicon NPN Power Transistor

KTD2059 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD2059 Datasheet PDF - Kwang Myoung I.S. CO.,LTD

Part # KTD2059
Download  KTD2059 Click to download

File Size   4735.33 Kbytes
Page   2 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description Silicon NPN Power Transistor

KTD2059 Datasheet (HTML) - Kwang Myoung I.S. CO.,LTD


KTD2059 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage-
   : V(BR)CEO= 100V(Min)
• Collector Power Dissipation-
   : PC= 30W@ TC= 25℃
• Low Collector Saturation Voltage-
   : VCE(sat)= 2.0V(Max)@ (IC= 4A, IB= 0.4A)
• Complement to Type KTB1367

APPLICATIONS
• Designed for general purpose applications.




Similar Part No. - KTD2059

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD2059 KEC-KTD2059 Datasheet
271Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(GENERAL PURPOSE)
logo
Inchange Semiconductor ...
KTD2059 ISC-KTD2059 Datasheet
151Kb / 2P
isc Silicon NPN Power Transistor
logo
Kinetic Technologies.
KTD2059 KINETIC-KTD2059 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2059EUAC-TR KINETIC-KTD2059EUAC-TR Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2059Q KINETIC-KTD2059Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results


Similar Description - KTD2059

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com