Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1417K6S Datasheet (PDF) - Agere Systems

1417K6S Datasheet PDF - Agere Systems
Part # 1417K6S
Download  1417K6S Download
File Size   205.8 Kbytes
Page   14 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver

1417K6S Datasheet (PDF)

Go To PDF Page Download Datasheet
1417K6S Datasheet PDF - Agere Systems

Part # 1417K6S
Download  1417K6S Click to download

File Size   205.8 Kbytes
Page   14 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver

1417K6S Datasheet (HTML) - Agere Systems


1417K6S Product details

Description
The 1417K6S transceiver is a high-speed, cost-effective optical transceiver intended for 2.488 Gbits/s shelf-to-shelf optical interconnect applications as well as SONET SR OC-48 and SDH I-16.

Features
■ Small form factor, RJ-45 size, 20-pin package
■ LC duplex receptacle
■ Uncooled 1300 nm laser transmitter with automatic output power control
■ Transmitter disable input
■ Wide dynamic range receiver with InGaAs PIN photodetector
■ Laser bias and back-facet PIN monitors
■ TTL signal-detect output
■ Low power dissipation
■ Single 3.3 V power supply
■ LVPECL/CML compatible data inputs and CML compatible data outputs
■ Operating temperature range: 0 °C to 70 °C
■ Agere Systems Inc. Reliability and Qualification Program for built-in quality and reliability

Applications
■ SONET SR OC-48, SDH I-16 applications
■ High-speed, optical data interface for shelf-to-shelf interconnect




Similar Part No. - 1417K6S

ManufacturerPart #DatasheetDescription
logo
Agere Systems
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
January 2000
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
August 2001
More results


Similar Description - 1417K6S

ManufacturerPart #DatasheetDescription
logo
Agere Systems
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
January 2000
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
August 2001
2417J4A AGERE-2417J4A Datasheet
127Kb / 10P
NetLight 2417J4A 1300 nm Laser Gigabit Transceiver
Rev. 1 August 2001
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
Rev. 1 August 2001
D372 AGERE-D372 Datasheet
56Kb / 8P
D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
December 2000
D374 AGERE-D374 Datasheet
56Kb / 8P
D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
December 2000
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
T92 AGERE-T92 Datasheet
89Kb / 8P
T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
March 2001
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
August 2000
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
August 2000
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com