Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SML-LXL8047UVC Datasheet (PDF) - LUMEX INC.

SML-LXL8047UVC Datasheet PDF - LUMEX INC.
Part # SML-LXL8047UVC
Download  SML-LXL8047UVC Download
File Size   114.52 Kbytes
Page   2 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 8mm ROUND TOP DOME SMT, 405nm UV PURPLE, HI-POWER, 2W

SML-LXL8047UVC Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-LXL8047UVC Datasheet PDF - LUMEX INC.

Part # SML-LXL8047UVC
Download  SML-LXL8047UVC Click to download

File Size   114.52 Kbytes
Page   2 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 8mm ROUND TOP DOME SMT, 405nm UV PURPLE, HI-POWER, 2W

SML-LXL8047UVC Datasheet (HTML) - LUMEX INC.




Similar Part No. - SML-LXL8047UVC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LXL8047UVC LUMEX-SML-LXL8047UVC_17 Datasheet
126Kb / 2P
8mm Round Top Dome SMT
More results


Similar Description - SML-LXL8047UVC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LXL99MWC-TR-5 LUMEX-SML-LXL99MWC-TR-5 Datasheet
152Kb / 1P
7.7mm DIA TOP DOME SMT LED HIGH POWER WARM WHITE 5W.
SML-LXL99USBC-TR-5 LUMEX-SML-LXL99USBC-TR-5 Datasheet
151Kb / 1P
7.7mm DIA TOP DOME SMT LED HIGH POWER BLUE 5W.
SML-LXL99UWC-TR-5 LUMEX-SML-LXL99UWC-TR-5 Datasheet
152Kb / 1P
7.7mm DIA TOP DOME SMT LED HIGH POWER COOL WHITE 5W.
SML-LXL8047MWC-TR3 LUMEX-SML-LXL8047MWC-TR3 Datasheet
168Kb / 1P
8mm ROUND TOP DOME SMT HI POWER LED WARM WHITE 3W.
SML-LXL8047USBCTR3 LUMEX-SML-LXL8047USBCTR3 Datasheet
167Kb / 1P
8mm ROUND TOP DOME SMT HI POWER LED BLUE 3W.
SML-LXL8047UWC-TR3 LUMEX-SML-LXL8047UWC-TR3 Datasheet
168Kb / 1P
8mm ROUND TOP DOME SMT HI POWER LED COOL WHITE 3W.
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C_11 Datasheet
103Kb / 1P
405nm UV LED, TO-46 CAN PACKAGE
logo
NTE Electronics
NTE30123 NTE-NTE30123 Datasheet
58Kb / 2P
Super Bright LED Indicator Super Purple, 8mm
logo
LUMEX INC.
SML-LXL8047UVC LUMEX-SML-LXL8047UVC_17 Datasheet
126Kb / 2P
8mm Round Top Dome SMT
logo
Wurth Elektronik GmbH &...
150141BS63140 WURTH-150141BS63140 Datasheet
810Kb / 8P
WL-SMTD SMT Mono-color TOP LED Diffused Dome
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com