Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

4421 Datasheet (PDF) - Cooper Bussmann, Inc.

4421 Datasheet PDF - Cooper Bussmann, Inc.
Part # 4421
Download  4421 Download
File Size   98.86 Kbytes
Page   1 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses.

4421 Datasheet (PDF)

Go To PDF Page Download Datasheet
4421 Datasheet PDF - Cooper Bussmann, Inc.

Part # 4421
Download  4421 Click to download

File Size   98.86 Kbytes
Page   1 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses.

4421 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - 4421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4421-AQ0025 ETC1-4421-AQ0025 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4421-AQ4096 ETC1-4421-AQ4096 Datasheet
124Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4421-AS0025 ETC1-4421-AS0025 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4421-AS4096 ETC1-4421-AS4096 Datasheet
124Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4421-BQ0025 ETC1-4421-BQ0025 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
More results


Similar Description - 4421

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
logo
Cooper Bussmann, Inc.
HTB-X2I COOPER-HTB-X2I Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
MIC-3 COOPER-MIC-3 Datasheet
32Kb / 2P
Indicating, Fast-Acting Fuse For 13/32??x 1-1/2??(10.3mm x 38.1mm)
4515 COOPER-4515 Datasheet
98Kb / 1P
Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses
HTB-X2I20 COOPER-HTB-X2I20 Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
S8000 COOPER-S8000 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
FNM EATON-FNM Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com