| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
ZL9101M_1104
|
820Kb / 17P |
Digital DC/DC PMBus 12A Module
April 8, 2011 |
|
ZL9010M
|
1Mb / 30P |
Digital DC/DC PMBus 10A Power Module
March 5, 2013 |
|
ISL8272MAIRZ
|
1Mb / 55P |
50A Digital DC/DC PMBus Power Module
January 14, 2015 |
|
ZL9006MIRZ
|
1Mb / 69P |
Digital DC/DC PMBus 6A Power Module
October 30, 2014 |
|
ZL9010MIRZ
|
1Mb / 72P |
Digital DC/DC PMBus 10A Power Module
January 22, 2015 |
 Renesas Technology Corp |
ISL8270M
|
2Mb / 56P |
Digital DC/DC PMBus 25A Module
|
|
ISL8271M
|
2Mb / 57P |
Digital DC/DC PMBus 33A Module
|
|
ISL8272M
|
2Mb / 59P |
50A Digital DC/DC PMBus Power Module
|
|
ZL9006M
|
2Mb / 69P |
Digital DC/DC PMBus 6A Power Module
|
|
ZL9010M
|
2Mb / 72P |
Digital DC/DC PMBus 10A Power Module
|