Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P0397NL Datasheet (PDF) - Pulse A Technitrol Company

P0397NL Datasheet PDF - Pulse A Technitrol Company
Part # P0397NL
Download  P0397NL Download
File Size   128.38 Kbytes
Page   1 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description SMT POWER INDUCTORS, Height: 7.6mm Max, Footprint: 18.2mm x 15.0mm Max, Current Rating: up to 14.4A

P0397NL Datasheet (PDF)

Go To PDF Page Download Datasheet
P0397NL Datasheet PDF - Pulse A Technitrol Company

Part # P0397NL
Download  P0397NL Click to download

File Size   128.38 Kbytes
Page   1 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description SMT POWER INDUCTORS, Height: 7.6mm Max, Footprint: 18.2mm x 15.0mm Max, Current Rating: up to 14.4A

P0397NL Datasheet (HTML) - Pulse A Technitrol Company




Similar Part No. - P0397NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0397NL PULSE-P0397NL Datasheet
133Kb / 2P
SMT POWER INDUCTORS Toroid - Tomcat Series
P0397NL PULSE-P0397NL Datasheet
114Kb / 1P
SMT POWER INDUCTORS Toroid - Tomcat Series
P0397NL PULSE-P0397NL Datasheet
128Kb / 1P
SMT POWER INDUCTORS
P0397NL PULSE-P0397NL Datasheet
128Kb / 1P
SMT POWER INDUCTORS
P0397NL PULSE-P0397NL Datasheet
128Kb / 1P
SMT POWER INDUCTORS
More results


Similar Description - P0397NL

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KNH10 KSS-KNH10 Datasheet
160Kb / 3P
0402 Size. Rated current up to 2A MAX.
KNH21C104DA KSS-KNH21C104DA Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
logo
E-SWITCH
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711057 E-SWITCH-ST711057 Datasheet
115Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711059 E-SWITCH-ST711059 Datasheet
130Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
logo
TOKO, Inc
DEM10050C TOKO-DEM10050C Datasheet
107Kb / 1P
10.3 x 10.3mm Max. square, 5.0mm Max. height.
logo
List of Unclassifed Man...
9115 ETC2-9115 Datasheet
732Kb / 5P
Multi-ranging operation (output up to max power rating within maximum voltage and
logo
Murata Manufacturing Co...
PLT10HH1026R0PN MURATA1-PLT10HH1026R0PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HH401100PN MURATA1-PLT10HH401100PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HH501100PN MURATA1-PLT10HH501100PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com