Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

6N137 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

6N137 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # 6N137
Download  6N137 Download
File Size   241.13 Kbytes
Page   22 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR, High Speed TTL Compatible Optocouplers

6N137 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N137 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # 6N137
Download  6N137 Click to download

File Size   241.13 Kbytes
Page   22 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR, High Speed TTL Compatible Optocouplers

6N137 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


6N137 Product details

Description
The 6N137, HCPL-26xx/06xx/4661, HCNW137/26x1 are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo etector.
An enable input allows the detector to be strobed. The output of the detector IC is an open collector Schottky clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification up to 15,000 V/µs at Vcm = 1000 V.
This unique design provides maximum AC and DC circuit isolation while achieving TTL compatibility. The optocoupler AC and DC operational param e ters are guaranteed from -40 °C to +85 °C allowing troublefree system performance.

Features
• 15 kV/µs minimum Common Mode Rejection (CMR)
   at Vcm= 1 kV for HCNW2611, HCPL-2611, HCPL-4661, HCPL-0611, HCPL-0661
• High speed: 10 MBd typical
• LSTTL/TTL compatible
• Low input current capability: 5 mA
• Guaranteed AC and DC performance over temperature: -40 °C to +85 °C
• Available in 8-Pin DIP, SOIC-8, widebody packages
• Strobable output (single channel products only)
• Safety approval
   UL recognized - 3750 Vrms for 1 minute and 5000 Vrms for 1 minute per
   UL1577 CSA approved




Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
logo
Agilent(Hewlett-Packard...
6N137 HP-6N137 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
6N137 HP-6N137 Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
More results


Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0600-500E AVAGO-HCPL-0600-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
High CMR, High Speed TTL Compatible Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com