Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3106U-0003-0173 Datasheet (PDF) - Honeywell Solid State Electronics Center

3106U-0003-0173 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 3106U-0003-0173
Download  3106U-0003-0173 Download
File Size   493.2 Kbytes
Page   10 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Thermostats Line Guide

3106U-0003-0173 Datasheet (PDF)

Go To PDF Page Download Datasheet
3106U-0003-0173 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 3106U-0003-0173
Download  3106U-0003-0173 Click to download

File Size   493.2 Kbytes
Page   10 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Thermostats Line Guide

3106U-0003-0173 Datasheet (HTML) - Honeywell Solid State Electronics Center




Similar Part No. - 3106U-0003-0173

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3106UF VMI-3106UF Datasheet
151Kb / 2P
200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results


Similar Description - 3106U-0003-0173

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
6700 SERIES THERMOSTATS
logo
Honeywell Solid State E...
R300 HONEYWELL-R300 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
Thermostats Line Guide
2455R-100-77 HONEYWELL-ACC-2455R-100-77 Datasheet
320Kb / 8P
Thermostats - Commercial
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
Thermostats
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
Thermostats doubles
logo
Honeywell Accelerometer...
HEL-776-A-U-0 HONEYWELL-ACC-HEL-776-A-U-0 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
Thermostats
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
Thermostats/humidistats
logo
List of Unclassifed Man...
6600 ETC2-6600 Datasheet
598Kb / 4P
SERIES 6600 THERMOSTATS
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com