Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCPL-354-00AE Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-354-00AE Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-354-00AE
Download  HCPL-354-00AE Download
File Size   299.58 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description AC Input Phototransistor Optocoupler SMD Mini-Flat Type

HCPL-354-00AE Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-354-00AE Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-354-00AE
Download  HCPL-354-00AE Click to download

File Size   299.58 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description AC Input Phototransistor Optocoupler SMD Mini-Flat Type

HCPL-354-00AE Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-354-00AE Product details

Description

The HCPL-354 contains a phototransistor, optically coupled to two light emitting diodes connected inverse parallel. It can operate directly by AC input current. It is packaged in a 4-pin mini-flat SMD package with a 2.0 mm profile. The small dimension of this product allows significant space saving. The package volume is 30% smaller than that of conventional DIP type. Input-output isolation voltage is 3750 Vrms. Response time, tr, is typically 4 µs and minimum CTR is 20% at input current of ±1 mA.



Features   

•   AC input response

•   Current transfer ratio (CTR: min. 20% at IF= ± 1 mA, VCE= 5 V)

•   Isolation voltage between input and output (Viso= 3,750 Vrms)

•   Subminiature type

    (The volume is smaller than that of conventional DIP type by as far as 30%)

•   Mini-flat package

•   2.0 mm profile

•   UL approved

•   CSA approved

•   IEC/EN/DIN EN 60747-5-2 approved

•   Options available: 

– IEC/EN/DIN EN 60747-5-2 approvals (060)



Applications

•   Detecting or monitoring AC signals

•   Programmable controllers

•   AC/DC-input modules

•   AC line/digital logic isolation




Similar Part No. - HCPL-354-00AE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-354-000E HP-HCPL-354-000E Datasheet
75Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354-000E AVAGO-HCPL-354-000E Datasheet
330Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results


Similar Description - HCPL-354-00AE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
Phototransistor Optocoupler SMD Mini-Flat Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com