Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PN2907ATF Datasheet (PDF) - Fairchild Semiconductor

PN2907ATF Datasheet PDF - Fairchild Semiconductor
Part # PN2907ATF
Download  PN2907ATF Download
File Size   685.14 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PN2907A / MMBT2907A / PZT2907A 60 V PNP General Purpose Transistor

PN2907ATF Datasheet (PDF)

Go To PDF Page Download Datasheet
PN2907ATF Datasheet PDF - Fairchild Semiconductor

Part # PN2907ATF
Download  PN2907ATF Click to download

File Size   685.14 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PN2907A / MMBT2907A / PZT2907A 60 V PNP General Purpose Transistor

PN2907ATF Datasheet (HTML) - Fairchild Semiconductor


PN2907ATF Product details

Description
The PN2907A, MMBT2907A, and PZT2907A are 60 V-PNP bipolar transistors designed for use as a gen eral-purpose amplifier or switch in applications that require up to 500 mA. Offered in an ultra-small surface-mount package (SOT-223), the PZT2907A is ideal for space-constrained systems. The NPN complementary types are the PN2222A, MMBT2222A, and PZT2222A; respectively.

Features
• High DC Current Gain (hFE) Range: 100 – 300
• High-Current Gain Bandwidth Product (fT): 200 MHz (Minimum.)
• Maximum Turn-On Time (ton): 45 ns
• Maximum Turn-Off Time (toff): 100 ns
• Ultra-Small Surface-Mount Package: SOT-223 (PZT2907A)

Applications
• General-Purpose Amplifier
• Switch




Similar Part No. - PN2907ATF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PN2907ATF ONSEMI-PN2907ATF Datasheet
691Kb / 11P
60 V PNP General-Purpose Transistor
October-2017, Rev. 2
PN2907ATFR ONSEMI-PN2907ATFR Datasheet
691Kb / 11P
60 V PNP General-Purpose Transistor
October-2017, Rev. 2
More results


Similar Description - PN2907ATF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
BC856S NXP-BC856S Datasheet
94Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 02-19 February 2009
BC857QAS PHILIPS-BC857QAS_15 Datasheet
215Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
BC856BMB NEXPERIA-BC856BMB Datasheet
664Kb / 12P
60 V, 100 mA PNP general-purpose transistor
BC856BM NEXPERIA-BC856BM Datasheet
664Kb / 12P
60 V, 100 mA PNP general-purpose transistor
BC857QAS NEXPERIA-BC857QAS Datasheet
688Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
logo
Central Semiconductor C...
CP591X-2N2905A CENTRAL-CP591X-2N2905A Datasheet
557Kb / 4P
PNP - General Purpose Transistor Die 0.6 Amp, 60 Volt
R1 25-April 2017
logo
Nexperia B.V. All right...
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com