Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

N0604N Datasheet (PDF) - Renesas Technology Corp

N0604N Datasheet PDF - Renesas Technology Corp
Part # N0604N
Download  N0604N Download
File Size   148.43 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET Low on-state resistance

N0604N Datasheet (PDF)

Go To PDF Page Download Datasheet
N0604N Datasheet PDF - Renesas Technology Corp

Part # N0604N
Download  N0604N Click to download

File Size   148.43 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET Low on-state resistance

N0604N Datasheet (HTML) - Renesas Technology Corp


N0604N Product details

Description

The N0604N is N-channel MOS Field Effect Transistor designed for high current switching applications.



Features

• Low on-state resistance

RDS (on) = 6.5 mΩ MAX. (VGS = 10 V, ID = 41 A)

• Low input capacitance

Ciss = 4150 pF TYP. (VDS = 25 V, VGS = 0 V)

• High current

ID(DC) = ±82 A

• RoHS Compliant




Similar Part No. - N0604N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
N0604N ISC-N0604N Datasheet
433Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
N-channel MOSFET 60 V, 82 A, 6.5 m廓
More results


Similar Description - N0604N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
Low on-state resistance
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
Very low on-state resistance
Rev. 01-30 May 2002
logo
International Rectifier
IRF7331PBF IRF-IRF7331PBF_08 Datasheet
220Kb / 9P
Ultra Low On-Resistance Dual N-Channel MOSFET
logo
Renesas Technology Corp
UPA2690T1R RENESAS-UPA2690T1R Datasheet
326Kb / 11P
COMPLEMENTARY MOSFET Low on-state resistance
logo
Sanken electric
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
Low on-state resistance
logo
Texas Instruments
MAX4597 TI1-MAX4597_14 Datasheet
694Kb / 17P
Low ON-State Resistance ON-State Resistance Flatness
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
Low ON-State Resistance ON-State Resistance Flatness
MAX4594 TI1-MAX4594_14 Datasheet
694Kb / 17P
Low ON-State Resistance ON-State Resistance Flatness
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com