Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HI-8190H Datasheet (PDF) - Holt Integrated Circuits

HI-8190H Datasheet PDF - Holt Integrated Circuits
Part # HI-8190H
Download  HI-8190H Download
File Size   83.08 Kbytes
Page   9 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description 12, Quad, SPST, 3.3V / 5.0V compatible

HI-8190H Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-8190H Datasheet PDF - Holt Integrated Circuits

Part # HI-8190H
Download  HI-8190H Click to download

File Size   83.08 Kbytes
Page   9 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description 12, Quad, SPST, 3.3V / 5.0V compatible

HI-8190H Datasheet (HTML) - Holt Integrated Circuits




Similar Part No. - HI-8190H

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8190 HOLTIC-HI-8190 Datasheet
79Kb / 9P
12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PCI HOLTIC-HI-8190PCI Datasheet
79Kb / 9P
12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PCIF HOLTIC-HI-8190PCIF Datasheet
79Kb / 9P
12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PCM HOLTIC-HI-8190PCM Datasheet
79Kb / 9P
12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PCMF HOLTIC-HI-8190PCMF Datasheet
79Kb / 9P
12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
More results


Similar Description - HI-8190H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7V2727 ETC1-PT7V2727 Datasheet
294Kb / 5P
3.3v/5.0v operating voltage
logo
Maxim Integrated Produc...
MAX312L MAXIM-MAX312L Datasheet
343Kb / 13P
10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
logo
Analog Devices
ADG1311 AD-ADG1311 Datasheet
309Kb / 12P
-15 V/12 V Quad SPST Switches
10/05-Revision 0
logo
Kyocera Kinseki Corpota...
KC7050B KSS-KC7050B Datasheet
123Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
logo
Maxim Integrated Produc...
MAX312L MAXIM-MAX312L_08 Datasheet
178Kb / 14P
10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 1; 9/08
logo
Holt Integrated Circuit...
HI-8190 HOLTIC-HI-8190 Datasheet
79Kb / 9P
12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
logo
Analog Devices
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
15 V/12 V Quad SPST Switches
REV. A
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
15 V/12 V Quad SPST Switches
REV. A
logo
Maxim Integrated Produc...
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
More results




About Holt Integrated Circuits


Holt Integrated Circuits is a semiconductor company that designs and manufactures integrated circuits (ICs) for the avionics and military markets. The company specializes in data bus communication ICs and offers a wide range of products for the ARINC 429, MIL-STD-1553, ARINC 825 (CAN), ARINC 717, and other data bus protocols.

Holt's products are used in a variety of avionics and military applications, including flight management systems, engine control systems, and communication equipment. They are known for their rugged and reliable products that are designed to operate in harsh environments.

The company was founded in 1983 and is headquartered in Mission Viejo, California, USA. Holt has a strong commitment to research and development, and is dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, Holt also provides customized solutions to meet specific customer requirements.

Overall, Holt Integrated Circuits is a trusted and reputable supplier of data bus communication ICs for the avionics and military markets, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com