Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR845 Datasheet (PDF) - Kersemi Electronic Co., Ltd.

MBR845 Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # MBR845
Download  MBR845 Download
File Size   789.51 Kbytes
Page   2 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Guard Ring Die Construction for Transient Protection

MBR845 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR845 Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # MBR845
Download  MBR845 Click to download

File Size   789.51 Kbytes
Page   2 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Guard Ring Die Construction for Transient Protection

MBR845 Datasheet (HTML) - Kersemi Electronic Co., Ltd.


MBR845 Product details

Features
● Schottky Barrier Chip
● Guard Ring Die Construction for
   Transient Protection
● Low Power Loss, High Efficiency
● High Surge Capability
● High Current Capability and Low Forward
   Voltage Drop
● For Use in Low Voltage, High Frequency
   Inverters, Free Wheeling, and Polarity
   Protection Application
● Plastic Material: UL Flammability
   Classification Rating 94V-0




Similar Part No. - MBR845

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR845 DIODES-MBR845 Datasheet
64Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
ON Semiconductor
MBR845 ONSEMI-MBR845 Datasheet
138Kb / 4P
Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Sirectifier Semiconduct...
MBR845 SIRECTIFIER-MBR845 Datasheet
80Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR845 PANJIT-MBR845 Datasheet
84Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Rugao Dachang Electroni...
MBR845 DACHANG-MBR845 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
More results


Similar Description - MBR845

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR850 KERSEMI-MBR850 Datasheet
789Kb / 2P
Guard Ring Die Construction for Transient Protection
MBR1540CT KERSEMI-MBR1540CT Datasheet
1Mb / 4P
Guard ring die constuction for transient protection
MBR1545CG KERSEMI-MBR1545CG Datasheet
1Mb / 4P
Guard ring die constuction for transient protection
logo
Diodes Incorporated
1N5817 DIODES-1N5817_14 Datasheet
46Kb / 3P
Guard Ring Die Construction for Transient Protection
Rev erse
logo
Bruckewell Technology L...
SD0530WT BWTECH-SD0530WT Datasheet
456Kb / 3P
Guard ring construction for transient Protection
logo
Diodes Incorporated
SDM160S1F DIODES-SDM160S1F Datasheet
395Kb / 5P
Guard Ring Die Construction for Transient Protection
Rev 3
logo
Sangdest Microelectroni...
SB20100 SMC-SB20100 Datasheet
133Kb / 4P
Guard Ring Die Construction for Transient Protection
SBL5100 SMC-SBL5100 Datasheet
148Kb / 5P
Guard Ring Die Construction for Transient Protection
ST5100SAX SMC-ST5100SAX Datasheet
170Kb / 3P
Guard Ring Die Construction for Transient Protection
ST5150SAX SMC-ST5150SAX Datasheet
299Kb / 5P
Guard Ring Die Construction for Transient Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com