Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA01S0303A Datasheet (PDF) - Delta Electronics, Inc.

DA01S0303A Datasheet PDF - Delta Electronics, Inc.
Part # DA01S0303A
Download  DA01S0303A Download
File Size   219.79 Kbytes
Page   4 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range

DA01S0303A Datasheet (PDF)

Go To PDF Page Download Datasheet
DA01S0303A Datasheet PDF - Delta Electronics, Inc.

Part # DA01S0303A
Download  DA01S0303A Click to download

File Size   219.79 Kbytes
Page   4 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range

DA01S0303A Datasheet (HTML) - Delta Electronics, Inc.


DA01S0303A Product details

The DF04S/D series are miniature, DIP Package, isolated 4W DC/DC converters. It allows a wide over input voltage ranges of 9-36VDC and 18-75VDC. It alos offers short circuit protection and allows a wide operating temperature range of –40°C to +71°C. These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.

FEATURES
◆ Efficiency up to 85%
◆ DIP Package with Industry Standard Pinout
◆ Short Circuit Protection
◆ 4:1 Wide Input Range
◆ UL60950-1 Safety Approval
◆ Complies with EN55022 Class A
◆ Temperature Performance -40℃ to +71℃
◆ 1500VDC Voltage Isolation
◆ Internal SMD Construction
◆ Lead free, RoHs Compliant
◆ 3 Years Product Warranty




Similar Part No. - DA01S0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA01S0303A DELTA-DA01S0303A Datasheet
232Kb / 4P
1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S0303A DELTA-DA01S0303A Datasheet
204Kb / 4P
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DA01S0303A DELTA-DA01S0303A Datasheet
199Kb / 4P
2W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S0303A DELTA-DA01S0303A Datasheet
209Kb / 4P
3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DA01S0303A DELTA-DA01S0303A Datasheet
211Kb / 4P
3W DC/DC CONVERTER, DIP-Package
More results


Similar Description - DA01S0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DB02S DELTA-DB02S Datasheet
204Kb / 4P
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DL03S DELTA-DL03S Datasheet
214Kb / 4P
3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S2403A DELTA-DF04S2403A Datasheet
220Kb / 5P
4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com