Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMDT3906 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMDT3906 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # MMDT3906
Download  MMDT3906 Download
File Size   176.23 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description Multi-Chip TRANSISTOR (PNP)

MMDT3906 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDT3906 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMDT3906
Download  MMDT3906 Click to download

File Size   176.23 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description Multi-Chip TRANSISTOR (PNP)

MMDT3906 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


MMDT3906 Product details

FEATURES
    Power dissipation PCM: 0.2 W (Tamb=25℃)
    Collector current ICM: -0.2 A
    Collector-base voltage V(BR)CBO: -40 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - MMDT3906

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3906 TRSYS-MMDT3906 Datasheet
195Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT3906 DIODES-MMDT3906 Datasheet
59Kb / 3P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30124 Rev. 5 - 2
MMDT3906 DIODES-MMDT3906 Datasheet
431Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30124 Rev. 9 - 2
logo
Pan Jit International I...
MMDT3906 PANJIT-MMDT3906 Datasheet
179Kb / 4P
DUAL SURFACE MOUNT PNP TRANSISTORS
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
Dual PNP Small Signal Surface Mount Transistor
More results


Similar Description - MMDT3906

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6901A TOSHIBA-TPC6901A Datasheet
233Kb / 7P
Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
TPC6902 TOSHIBA-TPC6902 Datasheet
204Kb / 7P
Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
logo
SeCoS Halbleitertechnol...
MMDT5401 SECOS-MMDT5401 Datasheet
533Kb / 2P
Multi-Chip (PNPPNP) Transistor
MMDT2907A SECOS-MMDT2907A Datasheet
2Mb / 3P
PNP Silicon Multi-Chip Transistor
logo
Shenzhen Jin Yu Semicon...
BC857S HTSEMI-BC857S Datasheet
3Mb / 1P
Multi-Chip TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
MMDT5451 WINNERJOIN-MMDT5451 Datasheet
83Kb / 2P
Multi-Chip General Purpose TRANSISTOR (PNP and NPN)
MMDT2227 WINNERJOIN-MMDT2227 Datasheet
209Kb / 2P
Multi-Chip TRANSISTOR (NPN/PNP)
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN_15 Datasheet
699Kb / 3P
NPN - PNP Silicon Multi-Chip Transistor
logo
SHENZHEN YONGERJIA INDU...
MMDT3906 WINNERJOIN-MMDT3906_15 Datasheet
176Kb / 1P
PNP Multi-Chip TRANSISTOR
logo
SeCoS Halbleitertechnol...
BC847PNW SECOS-BC847PNW Datasheet
523Kb / 6P
NPN / PNP Multi-Chip Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com