Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KTD1351 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

KTD1351 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # KTD1351
Download  KTD1351 Download
File Size   126.24 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

KTD1351 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD1351 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # KTD1351
Download  KTD1351 Click to download

File Size   126.24 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

KTD1351 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


KTD1351 Product details

FEATURES
   Power dissipation
      PCM: 2 W (Tamb=25℃)
   Collector current
      ICM: 3 A
   Collector-base voltage
      V(BR)CBO: 60 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - KTD1351

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1351 KEC-KTD1351 Datasheet
321Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Foshan Blue Rocket Elec...
KTD1351 FOSHAN-KTD1351 Datasheet
957Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
logo
Jiangsu Changjiang Elec...
KTD1351 JIANGSU-KTD1351 Datasheet
322Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTD1351 DGNJDZ-KTD1351 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
More results


Similar Description - KTD1351

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com