Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC640 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC640 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # BC640
Download  BC640 Download
File Size   126.63 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

BC640 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC640 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BC640
Download  BC640 Click to download

File Size   126.63 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

BC640 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


BC640 Product details

FEATURES
    Power dissipation PCM: 0.83 W (Tamb=25℃)
    Collector current ICM: - 1 A
    Collector-base voltage V(BR)CBO: -100 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - BC640

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC640 MOTOROLA-BC640 Datasheet
116Kb / 4P
High Current Transistors
logo
ON Semiconductor
BC640 ONSEMI-BC640 Datasheet
86Kb / 4P
High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
NXP Semiconductors
BC640 PHILIPS-BC640 Datasheet
43Kb / 8P
PNP medium power transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BC640 SIEMENS-BC640 Datasheet
126Kb / 5P
PNP Silicon AF Transistors (High current gain High collector current)
logo
Fairchild Semiconductor
BC640 FAIRCHILD-BC640 Datasheet
62Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
More results


Similar Description - BC640

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com