Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AK8117 Datasheet (PDF) - Asahi Kasei Microsystems

AK8117 Datasheet PDF - Asahi Kasei Microsystems
Part # AK8117
Download  AK8117 Download
File Size   264.62 Kbytes
Page   6 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Single Clock Generator

AK8117 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK8117 Datasheet PDF - Asahi Kasei Microsystems

Part # AK8117
Download  AK8117 Click to download

File Size   264.62 Kbytes
Page   6 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Single Clock Generator

AK8117 Datasheet (HTML) - Asahi Kasei Microsystems


AK8117 Product details

Description
The AK8117 is a single clock generator IC with an integrated PLL. It can generate either a 38.000MHz or a 38.6667MHz clock from a 27MHz master clock input frequency. Through pin control, the output can be enabled or disabled, the frequency can be changed, and the device can be placed in a power-down mode. A high performance PLL locks to the master clock input, generating a low jitter, highly accurate clock output without an external crystal.

Features
■ Output Frequency Range: 38.000MHz / 38.6667MHz (Selectable)
■ Input Frequency: 27MHz
■ Low Jitter Performance: 15 ps (Typ.) Period, 1σ
■ Low Current Consumption: 3.3mA (Typ.)
■ Output Load: 15pF (max.)
■ Supply Voltage: 2.7 – 3.6V
■ Operating Temperature Range: -20 to +85℃
■ Package:
   6-pin SON (lead-free)
   Body Size 2.6mm x 1.6mm

Applications
■ Digital Still Camera




Similar Part No. - AK8117

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8117L AKM-AK8117L Datasheet
293Kb / 6P
Single Clock Generator
More results


Similar Description - AK8117

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8118 AKM-AK8118 Datasheet
281Kb / 6P
Single Clock Generator
AK8116 AKM-AK8116 Datasheet
264Kb / 6P
Single Clock Generator
AK8114 AKM-AK8114 Datasheet
155Kb / 6P
Single Clock Generator
AK8113 AKM-AK8113 Datasheet
164Kb / 6P
Single Clock Generator
AK8112 AKM-AK8112 Datasheet
46Kb / 6P
Single Clock Generator
AK8111 AKM-AK8111 Datasheet
156Kb / 6P
Single Clock Generator
AK8110L AKM-AK8110L Datasheet
305Kb / 7P
Single Clock Generator
AK8110BU AKM-AK8110BU Datasheet
244Kb / 7P
Single Clock Generator
AK8174B AKM-AK8174B Datasheet
154Kb / 6P
Single Clock Generator
AK8173A AKM-AK8173A Datasheet
346Kb / 6P
Single Clock Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com