Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AAT1106 Datasheet (PDF) - Skyworks Solutions Inc.

AAT1106 Datasheet PDF - Skyworks Solutions Inc.
Part # AAT1106
Download  AAT1106 Download
File Size   1760.55 Kbytes
Page   19 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 600mA Step-Down Converter

AAT1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1106 Datasheet PDF - Skyworks Solutions Inc.

Part # AAT1106
Download  AAT1106 Click to download

File Size   1760.55 Kbytes
Page   19 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 600mA Step-Down Converter

AAT1106 Datasheet (HTML) - Skyworks Solutions Inc.


AAT1106 Product details

General Description
The AAT1106 is a 1.5MHz constant frequency current mode PWM step-down SwitchReg™ converter with a unique adaptive slope compensation scheme allowing the device to operate with a lower range of inductor values to optimize size and provide efficient operation. It is ideal for portable equipment powered by single-cell Lithium-ion batteries and is optimized for high efficiency, achieving levels up to 96%.

Features
• VIN Range: 2.5V to 5.5V
• VOUT: Adjustable 0.6V to VIN
• Up to 600mA Output Current
• Up to 96% Efficiency
• 1.5MHz Switching Frequency
• 100% Duty Cycle Dropout Operation
• Adaptive Slope Compensated Current Mode Control for Excellent Line and Load Transient Response
• <1μA Shutdown Current
• Short-Circuit and Thermal Fault Protection
• TSOT23-5 Package
• -40°C to +85°C Temperature Range

Applications
• Cellular Phones, Smartphones
• Digital Still Cameras
• Digital Video Cameras
• Microprocessor and DSP Core Supplies
• MP3 and Portable Media Players
• PDAs
• Wireless and DSL Modems




Similar Part No. - AAT1106

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1106 AAT-AAT1106 Datasheet
238Kb / 11P
2-CHANNEL STEP-UP PWM CONTROLLERS
V 0.1
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106 Datasheet
1Mb / 18P
600mA Step-Down Converter
AAT1106ICB-0.6-T1 ANALOGICTECH-AAT1106ICB-0.6-T1 Datasheet
1Mb / 18P
600mA Step-Down Converter
AAT1106ICB-1.5-T1 ANALOGICTECH-AAT1106ICB-1.5-T1 Datasheet
1Mb / 18P
600mA Step-Down Converter
AAT1106ICB-1.8-T1 ANALOGICTECH-AAT1106ICB-1.8-T1 Datasheet
1Mb / 18P
600mA Step-Down Converter
More results


Similar Description - AAT1106

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
600mA, 1MHz Step-Down Converter
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
600mA Synchronous Buck Step-Down Converter
logo
Advanced Analogic Techn...
AAT2514 ANALOGICTECH-AAT2514 Datasheet
311Kb / 16P
Dual Channel 600mA Step-Down Converter
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
600mA Step-Down Converter
AAT2514 ANALOGICTECH-AAT2514_08 Datasheet
581Kb / 14P
Dual Channel 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
600mA, 1MHz Step-Down Converter
AAT2514 SKYWORKS-AAT2514 Datasheet
1Mb / 14P
Dual Channel, 600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
600mA Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9342 BELLING-BL9342 Datasheet
249Kb / 8P
40V, 600mA , Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
600mA Step-Down Converter
April 2019 - Revision 04c
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com