Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SF0325BA02633S Datasheet (PDF) - Spectrum Microwave, Inc.

SF0325BA02633S Datasheet PDF - Spectrum Microwave, Inc.
Part # SF0325BA02633S
Download  SF0325BA02633S Download
File Size   400.46 Kbytes
Page   3 Pages
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.
Description Miniature 325 MHz SAW Filter with a 12 MHz typical 3dB bandwidth

SF0325BA02633S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0325BA02633S Datasheet PDF - Spectrum Microwave, Inc.

Part # SF0325BA02633S
Download  SF0325BA02633S Click to download

File Size   400.46 Kbytes
Page   3 Pages
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.
Description Miniature 325 MHz SAW Filter with a 12 MHz typical 3dB bandwidth

SF0325BA02633S Datasheet (HTML) - Spectrum Microwave, Inc.




Similar Part No. - SF0325BA02633S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0325BA02633S APITECH-SF0325BA02633S Datasheet
400Kb / 3P
325 MHz SAW Filter 12 MHz Bandwidth
More results


Similar Description - SF0325BA02633S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0140BA03115S APITECH-SF0140BA03115S Datasheet
156Kb / 3P
140 MHz SAW Filter 12 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF00325BA02642S SPECTRUM-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0325BA02646S SPECTRUM-SF0325BA02646S Datasheet
155Kb / 4P
Miniature 325 MHz SAW Filter with 6.7 MHz bandwidth
SF00480BA02643S SPECTRUM-SF00480BA02643S Datasheet
170Kb / 3P
480 MHz SAW Filter 12 MHz Bandwidth
logo
API Technologies Corp
SF00325BA02642S APITECH-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0325BA02633S APITECH-SF0325BA02633S Datasheet
400Kb / 3P
325 MHz SAW Filter 12 MHz Bandwidth
SF0325BA02646S APITECH-SF0325BA02646S Datasheet
155Kb / 4P
325 MHz SAW Filter 6.7 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0864BA02510S SPECTRUM-SF0864BA02510S Datasheet
149Kb / 3P
864 MHz SAW Filter 12 MHz Bandwidth
logo
Integrated Technology F...
2515D51 ITF-2515D51 Datasheet
157Kb / 3P
Typical 3dB bandwidth of 14.5 MHz
Rev 1.0 2013. 03. 25
logo
Integrated Device Techn...
SF0464BA02647S IDT-SF0464BA02647S Datasheet
183Kb / 5P
Miniature 464 MHz SAW Filter with 5.68 MHz bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com