Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

601105-000 Datasheet (PDF) - Tyco Electronics

601105-000 Datasheet PDF - Tyco Electronics
Part # 601105-000
Download  601105-000 Download
File Size   169.1 Kbytes
Page   9 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SolderTacts Shielded One-Piece Solder Contacts

601105-000 Datasheet (PDF)

Go To PDF Page Download Datasheet
601105-000 Datasheet PDF - Tyco Electronics

Part # 601105-000
Download  601105-000 Click to download

File Size   169.1 Kbytes
Page   9 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SolderTacts Shielded One-Piece Solder Contacts

601105-000 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 601105-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60110 ETC2-60110 Datasheet
206Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60110 ETC2-60110 Datasheet
298Kb / 9P
60132 Circuit Breaker
logo
Presto International UK...
60110 PRESTO-60110 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Extech Instruments Corp...
601100 EXTECH-601100 Datasheet
130Kb / 1P
Flat surface combination pH electrode
logo
Adels-Contact
601103 ADELS-601103 Datasheet
117Kb / 1P
terminaLED S 3050
More results


Similar Description - 601105-000

ManufacturerPart #DatasheetDescription
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
ONE PIECE PHOTO INTERRUPTER
logo
Bel Fuse Inc.
SS-7488S-GY-PG1 BEL-SS-7488S-GY-PG1 Datasheet
174Kb / 2P
ONE PIECE SHIELDED SINGLE PORT LED JACK
logo
List of Unclassifed Man...
V704 ETC2-V704 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
1,00 mm One Piece Interface
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
7/8" (22.2 mm) Precision Industrial Potentiometer, Bushing And Servo Mount Versions, Conductive Plastic
06-Nov-15
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
LOW PROFILE & ELEVATED ONE PIECE
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
RSK one-piece screen connector
13.03.2019
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com