Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GBU20 Datasheet (PDF) - Nell Semiconductor Co., Ltd

GBU20 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # GBU20
Download  GBU20 Download
File Size   161.0 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Single-Phase Bridge Rectifier, 20A

GBU20 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBU20 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # GBU20
Download  GBU20 Click to download

File Size   161.0 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Single-Phase Bridge Rectifier, 20A

GBU20 Datasheet (HTML) - Nell Semiconductor Co., Ltd




Similar Part No. - GBU20

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBU20 NELLSEMI-GBU20 Datasheet
161Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
logo
Formosa MS
GBU20005 FORMOSA-GBU20005 Datasheet
360Kb / 2P
Barrier Rectifier
logo
SeCoS Halbleitertechnol...
GBU20005 SECOS-GBU20005 Datasheet
423Kb / 2P
Voltage 50V ~ 1000V 20Amp Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
GBU20005 MCC-GBU20005 Datasheet
263Kb / 3P
20 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
logo
RFE international
GBU20005 RFE-GBU20005 Datasheet
1,011Kb / 3P
Bridge Rectifiers
12-28-2022
More results


Similar Description - GBU20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005 Datasheet
53Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Nell Semiconductor Co.,...
GBJ20 NELLSEMI-GBJ20 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 20A
KBJ20 NELLSEMI-KBJ20 Datasheet
238Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 20A
logo
Yea Shin Technology Co....
GBJ20005 YEASHIN-GBJ20005 Datasheet
329Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005_15 Datasheet
79Kb / 3P
20A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
GBJ20A ZSELEC-GBJ20A Datasheet
63Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20005 ZSELEC-GBJ20005 Datasheet
63Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ20A ZSELEC-KBJ20A Datasheet
101Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ20005 ZSELEC-KBJ20005 Datasheet
101Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
RS2001M ZSELEC-RS2001M Datasheet
107Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com