Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SK3564 Datasheet (PDF) - Nell Semiconductor Co., Ltd

2SK3564 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 2SK3564
Download  2SK3564 Download
File Size   325.72 Kbytes
Page   6 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

2SK3564 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3564 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 2SK3564
Download  2SK3564 Click to download

File Size   325.72 Kbytes
Page   6 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

2SK3564 Datasheet (HTML) - Nell Semiconductor Co., Ltd


2SK3564 Product details

DESCRIPTION
They are designed for use in applications such as switched mode power supplies, DC to DC converters, motor control circuits, UPS, relay drive and general purpose switching switching regulator applications.
The Nell 2SK3564 is a three-terminal silicon device with current conduction capability of 3A, fast switching speed, low on-state resistance, breakdown voltage rating of 900V, and max. threshold voltage of 4 volts

FEATURES
● Low reverse transfer capacitance (CRSS = 15pF typical)
● RDS(ON) = 3.70Ω @ VGS = 10V
● Ultra low gate charge(17nC typical)
● Fast switching capability
● 100% avalanche energy specified
● Improved dv/dt capability
● 150°C operation temperature




Similar Part No. - 2SK3564

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3564 TOSHIBA-2SK3564 Datasheet
94Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
2SK3564 TOSHIBA-2SK3564 Datasheet
248Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3564 TOSHIBA-2SK3564 Datasheet
230Kb / 6P
Switching Regulator Applications
logo
Inchange Semiconductor ...
2SK3564 ISC-2SK3564 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
2SK3564 ISC-2SK3564 Datasheet
342Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK3564

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com