Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR10100 Datasheet (PDF) - Nell Semiconductor Co., Ltd

MBR10100 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # MBR10100
Download  MBR10100 Download
File Size   403.1 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description High-Voltage Schottky Rectifier, 10A/100V

MBR10100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10100 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # MBR10100
Download  MBR10100 Click to download

File Size   403.1 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description High-Voltage Schottky Rectifier, 10A/100V

MBR10100 Datasheet (HTML) - Nell Semiconductor Co., Ltd


MBR10100 Product details

FEATURES
● 150°C TJ operation
● Lower power losses, high efficiency
● Low forward voltage drop
● High forward surge capability
● Guard ring for enhanced ruggedness and long term reliability
● Solder bath temperature 275°C maximum, 10s, per JESD 22-B106 (for TO-220AC and lTO-220AC package)
● High frequency operation
● Compliant to RoHS

TYPICAL APPLICATIONS
● Switching mode power supply
● DC-to-DC converters
● Freewheeling diodes
● Polarity protection.




Similar Part No. - MBR10100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR10100 MOTOROLA-MBR10100 Datasheet
83Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Vishay Siliconix
MBR10100 VISHAY-MBR10100 Datasheet
125Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
56Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
ON Semiconductor
MBR10100 ONSEMI-MBR10100 Datasheet
58Kb / 4P
SWITCHMODE Power Rectifiers
February, 2006 ??Rev. 6
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR10100

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PT10L100E PFC-PT10L100E Datasheet
650Kb / 6P
10A 100V HPTR Schottky Rectifier
PT10L100SP PFC-PT10L100SP Datasheet
726Kb / 5P
10A 100V HPTR Schottky Rectifier
PT10V100SP PFC-PT10V100SP Datasheet
727Kb / 5P
10A 100V HPTR Schottky Rectifier
PT10100E PFC-PT10100E Datasheet
649Kb / 6P
10A 100V HPTR짰 Schottky Rectifier
PTR10L100CT PFC-PTR10L100CT Datasheet
773Kb / 7P
10A 100V HPTR짰 Schottky Rectifier
PTR10V100CT PFC-PTR10V100CT Datasheet
774Kb / 7P
10A 100V HPTR짰 Schottky Rectifier
PTR10100CT PFC-PTR10100CT Datasheet
770Kb / 7P
10A 100V HPTR Schottky Rectifier
PTS10L100 PFC-PTS10L100 Datasheet
559Kb / 5P
10A 100V HPTR Schottky Rectifier
PTS10V100 PFC-PTS10V100 Datasheet
561Kb / 5P
10A 100V HPTR Schottky Rectifier
PTS10100 PFC-PTS10100 Datasheet
560Kb / 5P
10A 100V HPTR Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com