Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IS43DR16640A-3DBL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS43DR16640A-3DBL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS43DR16640A-3DBL
Download  IS43DR16640A-3DBL Download
File Size   855.01 Kbytes
Page   28 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description Clock frequency up to 400MHz

IS43DR16640A-3DBL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS43DR16640A-3DBL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS43DR16640A-3DBL
Download  IS43DR16640A-3DBL Click to download

File Size   855.01 Kbytes
Page   28 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description Clock frequency up to 400MHz

IS43DR16640A-3DBL Datasheet (HTML) - Integrated Silicon Solution, Inc




Similar Part No. - IS43DR16640A-3DBL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16640B-25DBI ISSI-IS43DR16640B-25DBI Datasheet
548Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
Rev. 0B, 08/08/2012
IS43DR16640B-25DBI ISSI-IS43DR16640B-25DBI Datasheet
1Mb / 29P
1Gb (x8, x16) DDR2 SDRAM
Rev. G 3/25/2015
IS43DR16640B-25DBL ISSI-IS43DR16640B-25DBL Datasheet
548Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
Rev. 0B, 08/08/2012
IS43DR16640B-25DBL ISSI-IS43DR16640B-25DBL Datasheet
1Mb / 29P
1Gb (x8, x16) DDR2 SDRAM
Rev. G 3/25/2015
IS43DR16640B-25DBLI ISSI-IS43DR16640B-25DBLI Datasheet
548Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
Rev. 0B, 08/08/2012
More results


Similar Description - IS43DR16640A-3DBL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
Input/Output clock frequency up to 160 MHz
logo
Rohm
BU90R102 ROHM-BU90R102 Datasheet
821Kb / 29P
Support clock frequency from 8MHz up to 160MHz
BU90T82 ROHM-BU90T82 Datasheet
853Kb / 28P
Support clock frequency from 10MHz up to 174MHz
logo
Integrated Silicon Solu...
IS43DR16128A ISSI-IS43DR16128A Datasheet
993Kb / 26P
Clock frequency up to 333MHz
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
Clock frequency up to 400MHz
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com