Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DC02S0505A Datasheet (PDF) - Delta Electronics, Inc.

DC02S0505A Datasheet PDF - Delta Electronics, Inc.
Part # DC02S0505A
Download  DC02S0505A Download
File Size   200.99 Kbytes
Page   5 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 2W DC/DC CONVERTER, DIP-Package, High Isolation

DC02S0505A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC02S0505A Datasheet PDF - Delta Electronics, Inc.

Part # DC02S0505A
Download  DC02S0505A Click to download

File Size   200.99 Kbytes
Page   5 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 2W DC/DC CONVERTER, DIP-Package, High Isolation

DC02S0505A Datasheet (HTML) - Delta Electronics, Inc.


DC02S0505A Product details

The DC02S/D series are miniature, DIP Package, isolated 2W DC/DC converters with ultra- high 6,000VDC isolation . It offers short circuit protection and allows a wide operating temperature range of –25°C to +75°C.These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions



FEATURES

Š Efficiency up to 64%

Š Regulated Outputs

Š Short Circuit Protection

Š High Isolation Voltage 6000VDC

Š Low Leakage Current

Š Low Isolation Capacitance

Š Low Ripple & Noise

Š Complies with EN55022 Class A

Š Lead free, RoHs Compliant

Š 3 Years Product Warranty




Similar Part No. - DC02S0505A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DC02S0505A DELTA-DC02S0505A Datasheet
199Kb / 4P
2W DC/DC CONVERTER, DIP-Package, High Isolation
More results


Similar Description - DC02S0505A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA01S DELTA-DA01S Datasheet
232Kb / 4P
1W DC/DC CONVERTER, DIP-Package, High Isolation
DC02S DELTA-DC02S Datasheet
199Kb / 4P
2W DC/DC CONVERTER, DIP-Package, High Isolation
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
6W DC/DC CONVERTER, DIP-Package, High Isolation
DK02S DELTA-DK02S Datasheet
318Kb / 4P
2W DC/DC CONVERTER, DIP Package, High Isolation
DM03S DELTA-DM03S Datasheet
216Kb / 4P
3W DC/DC CONVERTER, DIP-Package , High Isolation
DU06S DELTA-DU06S Datasheet
215Kb / 4P
6W DC/DC CONVERTER, DIP-Package, High Isolation
SG02S DELTA-SG02S Datasheet
204Kb / 4P
2W DC/DC CONVERTER, SMD-Package, High isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
1W DC/DC CONVERTER, DIP-Package, High Isolation
DM03S0505A DELTA-DM03S0505A Datasheet
218Kb / 5P
3W DC/DC CONVERTER, DIP-Package , High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
6W DC/DC CONVERTER, DIP-Package, High Isolation
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com