Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LLQ2012-F7N5 Datasheet (PDF) - TOKO, Inc

LLQ2012-F7N5 Datasheet PDF - TOKO, Inc
Part # LLQ2012-F7N5
Download  LLQ2012-F7N5 Download
File Size   142.08 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Wire Wound Chip Inductors

LLQ2012-F7N5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LLQ2012-F7N5 Datasheet PDF - TOKO, Inc

Part # LLQ2012-F7N5
Download  LLQ2012-F7N5 Click to download

File Size   142.08 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Wire Wound Chip Inductors

LLQ2012-F7N5 Datasheet (HTML) - TOKO, Inc


LLQ2012-F7N5 Product details

The TOKO LLQ2012 Series is a wirewound ceramic chip inductor that conforms to the EIA standard 0805 footprint and delivers superb Q and SRF performance with high inductance tolerance.

Features
• Inductance tolerance: ±2%, ±5%, ±10%
• EIA standard 0805 footprint (2.0mm x 1.2mm)
• Lead-free terminations
• High Q
• High self-resonant frequency
• Operating temperature: –40°C to +125°C
• Packaged on tape and reel in 3,000 piece quantity
• Reflow solderable




Similar Part No. - LLQ2012-F7N5

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ2012 TOKO-LLQ2012 Datasheet
377Kb / 2P
Wirewound Chip Inductors
More results


Similar Description - LLQ2012-F7N5

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
Wire-wound Chip Inductors
LB2016T680K TAIYO-YUDEN-LB2016T680K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T680M TAIYO-YUDEN-LB2016T680M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com