Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SB320 Datasheet (PDF) - GOOD-ARK Electronics

SB320 Datasheet PDF - GOOD-ARK Electronics
Part # SB320
Download  SB320 Download
File Size   191.99 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER

SB320 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB320 Datasheet PDF - GOOD-ARK Electronics

Part # SB320
Download  SB320 Click to download

File Size   191.99 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER

SB320 Datasheet (HTML) - GOOD-ARK Electronics


SB320 Product details

Reverse Voltage - 20 to 100 Volts
Forward Current -  3.0 Amperes

Features
Plastic package has Underwriters  Laboratory
  Flammability  Classification 94V-0
Metal silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge capacity
Epitaxial construction
Guardring for transient protection
For use in low voltage, high frequency inverters,
  free wheeling, and polarity protection applications
High temperature soldering guaranteed:   250℃/10 seconds, 0.375” (9.5mm) lead length,
5 lbs. (2.3Kg) tension
 
Mechanical Data
Case: DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per
    MIL-STD-750, method 2026
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.041 ounce, 1.15 grams




Similar Part No. - SB320

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB320 TRSYS-SB320 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB320 WTE-SB320 Datasheet
46Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB320 ZOWIE-SB320 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB320 SSE-SB320 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB320

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SR102 DIODES-SR102 Datasheet
149Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
SR302 DIODES-SR302 Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23025 Rev. 5 - 3
SR502 DIODES-SR502 Datasheet
64Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23005 Rev. E-3
logo
General Semiconductor
SB320 GE-SB320 Datasheet
47Kb / 2P
MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520 Datasheet
192Kb / 2P
MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SD930 DIODES-SD930_1 Datasheet
87Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
SD930 DIODES-SD930_08 Datasheet
105Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 5 - 2
SR306-T DIODES-SR306-T Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
New Jersey Semi-Conduct...
SR302 NJSEMI-SR302 Datasheet
210Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SB320 FS-SB320 Datasheet
536Kb / 2P
MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com