Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAE-800-48 Datasheet (PDF) - Wall Industries,Inc.

PSAE-800-48 Datasheet PDF - Wall Industries,Inc.
Part # PSAE-800-48
Download  PSAE-800-48 Download
File Size   469.46 Kbytes
Page   8 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description AC/DC Switching Power Supplies

PSAE-800-48 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSAE-800-48 Datasheet PDF - Wall Industries,Inc.

Part # PSAE-800-48
Download  PSAE-800-48 Click to download

File Size   469.46 Kbytes
Page   8 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description AC/DC Switching Power Supplies

PSAE-800-48 Datasheet (HTML) - Wall Industries,Inc.


PSAE-800-48 Product details

DESCRIPTION

The PSAE800 series of AC/DC switching power supplies provides up to 804 Watts of output power in a 9.80” x 5.00” x 1.61” enclosed case. This series consists of single output models ranging from 12~60VDC with an input voltage range of 90~264VAC. Standard features include high efficiency up to 93%, active PFC, programmable output voltage and output current, remote on/off, remote sense, power OK signal, and internal ball bearing fan. This series also has over voltage, over load, and over temperature protection. All models are RoHS compliant and have UL 60950-1, 2nd edition andTUV EN60950-1: 2006+A11 safety approvals.



FEATURES

•   RoHS Compliant

•   Active PFC > 0.95 at 230VAC

•   Up to 804 Watts Output Power

•   High Efficiency up to 93%

•   4242VDC I/O Isolation

•   Constant Current Limiting

•   Intelligent LED Indicators

•   Optional RS232 Function

•   Built-in I2C Serial Data Bus

•   1U Profile, High Power Density

•   Protection: OLP, OVP, OTP, Fan Failure

•   Programmable Output Voltage (0~105%)

•   Programmable Output Current (0~105%)

•   Power OK Signal (Power Good, Logic Low)

•   Remote ON/OFF, Remote Sense Functions

•   Universal Input Voltage Range: 90-264VAC

•   Single Outputs Ranging from 12~60VDC

•   +5V/0.5A or +8V/0.3A Auxiliary Output Selectable by User

•   Forced Current Sharing at Parallel Operation

•   UL 60950-1, 2nd edition, TUV EN60950-1: 2006+A11 Approvals




Similar Part No. - PSAE-800-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAE-1500-12 WALL-PSAE-1500-12 Datasheet
927Kb / 8P
AC/DC Switching Power Supplies
PSAE-1500-15 WALL-PSAE-1500-15 Datasheet
927Kb / 8P
AC/DC Switching Power Supplies
PSAE-1500-24 WALL-PSAE-1500-24 Datasheet
927Kb / 8P
AC/DC Switching Power Supplies
PSAE-1500-30 WALL-PSAE-1500-30 Datasheet
927Kb / 8P
AC/DC Switching Power Supplies
PSAE-1500-36 WALL-PSAE-1500-36 Datasheet
927Kb / 8P
AC/DC Switching Power Supplies
More results


Similar Description - PSAE-800-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
AC/DC Switching Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com