Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HV574PG-G Datasheet (PDF) - Supertex, Inc

HV574PG-G Datasheet PDF - Supertex, Inc
Part # HV574PG-G
Download  HV574PG-G Download
File Size   472.58 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs

HV574PG-G Datasheet (PDF)

Go To PDF Page Download Datasheet
HV574PG-G Datasheet PDF - Supertex, Inc

Part # HV574PG-G
Download  HV574PG-G Click to download

File Size   472.58 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs

HV574PG-G Datasheet (HTML) - Supertex, Inc


HV574PG-G Product details

General Description
The HV574 is a low-voltage serial to high-voltage parallel con-verter with push-pull outputs. This device has been designed for use as a driver for printer applications. It can also be used in any application requiring multiple output high-voltage current sour-cing and sinking capability such as driving plasma panels, vacuum fluorescent displays, or large matrix LCD displays.

Features
► HVCMOS® technology
► 5.0V CMS Logic
► Output voltage up to 80V
► Low power level shifting
► 100MHz equivalent data rate using four dynamic shift registers
► Latched data outputs
► Foreward and reverse shifting options (DIR pin)
► Diode to VPP allows efficient power recovery
► Outputs may be hot switched




Similar Part No. - HV574PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV574PG-G SUTEX-HV574PG-G Datasheet
633Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
More results


Similar Description - HV574PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV574 SUTEX-HV574 Datasheet
454Kb / 5P
100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs
HV583 SUTEX-HV583 Datasheet
39Kb / 6P
128 Channel Serial to Parallel Converter with Push-Pull Outputs
HV7620 SUTEX-HV7620 Datasheet
68Kb / 5P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV583 SUTEX-HV583_06 Datasheet
374Kb / 7P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574 SUTEX-HV574_13 Datasheet
633Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Microchip Technology
HV582 MICROCHIP-HV582 Datasheet
331Kb / 20P
96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
HV583 MICROCHIP-HV583 Datasheet
369Kb / 22P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
logo
Supertex, Inc
HV7620 SUTEX-HV7620_13 Datasheet
406Kb / 7P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com