Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD74HC680 Datasheet (PDF) - Hitachi Semiconductor

HD74HC680 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC680
Download  HD74HC680 Download
File Size   62.27 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 12-bit Address Comparator

HD74HC680 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC680 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC680
Download  HD74HC680 Click to download

File Size   62.27 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 12-bit Address Comparator

HD74HC680 Datasheet (HTML) - Hitachi Semiconductor


HD74HC680 Product details

Description
The HD74HC680 address comparator simplifies addressing of memory boards and/or other peripheral devices.

Features
• High Speed Operation
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC680

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC680 RENESAS-HD74HC680 Datasheet
102Kb / 7P
12-bit Address Comparator
HD74HC680RPEL RENESAS-HD74HC680RPEL Datasheet
102Kb / 7P
12-bit Address Comparator
More results


Similar Description - HD74HC680

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS679 TI-SN74ALS679 Datasheet
117Kb / 7P
12-BIT ADDRESS COMPARATOR
logo
Hitachi Semiconductor
HD74HC677 HITACHI-HD74HC677 Datasheet
52Kb / 8P
16-bit Address Comparator
HD74HC678 HITACHI-HD74HC678 Datasheet
50Kb / 8P
16-bit Address Comparator
HD74HC679 HITACHI-HD74HC679 Datasheet
67Kb / 10P
12-bit Address Comparator
logo
Texas Instruments
SN74ALS678 TI-SN74ALS678 Datasheet
302Kb / 7P
16-BIT ADDRESS COMAPARATORS
SN74ALS680 TI-SN74ALS680 Datasheet
279Kb / 6P
12-BIT ADDRESS COMPARATORS
logo
Radiometrix Ltd
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
4 bit Address - 12 bit Data encoder/decoder
logo
Renesas Technology Corp
HD74HC679 RENESAS-HD74HC679 Datasheet
96Kb / 7P
12-bit Address Comparator
HD74HC680 RENESAS-HD74HC680 Datasheet
102Kb / 7P
12-bit Address Comparator
logo
Texas Instruments
SN74ALS677A TI1-SN74ALS677A Datasheet
130Kb / 7P
16-BIT ADDRESS COMPARATOR
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com