Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PF00105A Datasheet (PDF) - Hitachi Semiconductor

PF00105A Datasheet PDF - Hitachi Semiconductor
Part # PF00105A
Download  PF00105A Download
File Size   62.04 Kbytes
Page   11 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for AMPS Handy Phone

PF00105A Datasheet (PDF)

Go To PDF Page Download Datasheet
PF00105A Datasheet PDF - Hitachi Semiconductor

Part # PF00105A
Download  PF00105A Click to download

File Size   62.04 Kbytes
Page   11 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for AMPS Handy Phone

PF00105A Datasheet (HTML) - Hitachi Semiconductor


PF00105A Product details

Features
• Low voltage operation : 4.6 V
• 2 stage amplifier : +8 dBm input
• Lead less small package : 0.2 cc
• High efficiency : 48% Typ at 1 W
• Low power control current : 500 µA Typ




Similar Part No. - PF00105A

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PF0011 BULGIN-PF0011 Datasheet
1Mb / 26P
POLYSNAP짰 POWER INLET MODULES
PF0011 BULGIN-PF0011 Datasheet
98Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011/10/28 BULGIN-PF0011/10/28 Datasheet
98Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
logo
Bulgin Limited. All rig...
PF0011/10/28 BULGINLIMITED-PF0011/10/28 Datasheet
1Mb / 25P
IEC Connectors
PF0011/10/28 BULGINLIMITED-PF0011/10/28 Datasheet
6Mb / 26P
IEC Connectors
More results


Similar Description - PF00105A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for GSM Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0414A HITACHI-PF0414A Datasheet
32Kb / 5P
MOS FET Power Amplifier Module for DCS 1800 Handy Phone
PF0414B HITACHI-PF0414B Datasheet
26Kb / 4P
MOS FET Power Amplifier Module for DCS 1800 Handy Phone
PF0415A HITACHI-PF0415A Datasheet
32Kb / 5P
MOS FET Power Amplifier Module for PCS 1900 Handy Phone
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
Renesas Technology Corp
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
logo
Hitachi Semiconductor
PF0027 HITACHI-PF0027 Datasheet
287Kb / 7P
MOS FET Power Ampllfier Module for E-TACS Handy Phone
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com