Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GBU6A Datasheet (PDF) - GeneSiC Semiconductor, Inc.

GBU6A Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # GBU6A
Download  GBU6A Download
File Size   373.85 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Bridge Rectifier

GBU6A Datasheet (PDF)

Go To PDF Page Download Datasheet
GBU6A Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # GBU6A
Download  GBU6A Click to download

File Size   373.85 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Bridge Rectifier

GBU6A Datasheet (HTML) - GeneSiC Semiconductor, Inc.


GBU6A Product details

Features
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
• High case dielectric strength of 1500 VRMS
• Glass passivated chip junction
• Ideal for printed circuit boards
• High surge overload rating
• High temperature soldering guaranteed: 260°C/ 10
   seconds, 0.375 (9.5mm) lead length
• Not ESD Sensitive




Similar Part No. - GBU6A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU6A PANJIT-GBU6A Datasheet
42Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)
logo
Transys Electronics
GBU6A TRSYS-GBU6A Datasheet
215Kb / 3P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GBU6A FAIRCHILD-GBU6A Datasheet
858Kb / 3P
6.0 Ampere Bridge Rectifiers
More results


Similar Description - GBU6A

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
SILICON BRIDGE RECTIFIER
KBPC10005PT CHENMKO-KBPC10005PT Datasheet
76Kb / 2P
SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
KBU8A EIC-KBU8A Datasheet
50Kb / 2P
Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
SILICON BRIDGE RECTIFIER
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU6005 JUXING-KBU6005 Datasheet
463Kb / 2P
SILICON BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
1B4B42 NJSEMI-1B4B42 Datasheet
86Kb / 2P
SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU8005 JUXING-KBU8005_18 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com