Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BR200-EXT Datasheet (PDF) - Extech Instruments Corporation.

BR200-EXT Datasheet PDF - Extech Instruments Corporation.
Part # BR200-EXT
Download  BR200-EXT Download
File Size   266.9 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Video Borescope Extension Cable

BR200-EXT Datasheet (PDF)

Go To PDF Page Download Datasheet
BR200-EXT Datasheet PDF - Extech Instruments Corporation.

Part # BR200-EXT
Download  BR200-EXT Click to download

File Size   266.9 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Video Borescope Extension Cable

BR200-EXT Datasheet (HTML) - Extech Instruments Corporation.


BR200-EXT Product details

17mm camera diameter and 2.4" Color TFT LCD Monitor with video output for viewing on any monitor with a video input jack

Features:
• 17mm diameter camera head with 39" (1m) flexible gooseneck cable retains configured shape
• Mini water-proof (IP67) camera head for high resolution viewing
• Two bright LED lamps with dimmer to illuminate viewed object
• Glare-free close-up field of view
• Display detaches for easy storage
• Optional BR200-EXT extension cable available for increasing viewing depth; 19mm diameter connector and 37" (0.95m) cable length; maximum 2 extension cables can be connected to the borescope
• Complete with 4 AA batteries, extension tools (mirror, hook, magnet), video output jack, and hard case

Applications:
• Home inspection: Inspect in walls for mold, insect infestation, electrical wire or water pipe location
• HVAC: Inspect inside ducts, behind motors and compressors
• Automotive: View inside or around engines and transmissions
• Government: Safety and security inspections
• Industrial: Inspect weld integrity, process equipment, gears, molding machines
• Aerospace: Aircraft inspections for contamination, debris, cracks or other damage




Similar Part No. - BR200-EXT

ManufacturerPart #DatasheetDescription
logo
Vestal Electronic Devic...
BR200-20-E VESTAL-BR200-20-E Datasheet
138Kb / 1P
Bare Radial Jumper Wire
BR200-20-EH VESTAL-BR200-20-EH Datasheet
138Kb / 1P
Bare Radial Jumper Wire
BR200-20-EL VESTAL-BR200-20-EL Datasheet
22Kb / 1P
Bare Radial Jumper Wire
BR200-20-EL VESTAL-BR200-20-EL Datasheet
138Kb / 1P
Bare Radial Jumper Wire
BR200-20-L VESTAL-BR200-20-L Datasheet
138Kb / 1P
Bare Radial Jumper Wire
More results


Similar Description - BR200-EXT

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
BR146 EXTECH-BR146 Datasheet
156Kb / 4P
Flexible Borescope
BR70 EXTECH-BR70 Datasheet
160Kb / 1P
Video Borescope Inspection Camera
BR80 EXTECH-BR80 Datasheet
165Kb / 1P
Video Borescope Inspection Camera
BR100 EXTECH-BR100 Datasheet
110Kb / 1P
Video Borescope Inspection Camera
BR200 EXTECH-BR200 Datasheet
175Kb / 1P
Video Borescope/Wireless Inspection Camera
BR250 EXTECH-BR250 Datasheet
175Kb / 1P
Video Borescope/Wireless Inspection Camera
BR150 EXTECH-BR150 Datasheet
238Kb / 1P
Video Borescope Inspection Camera
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
UDB-CABLE-2M PF-UDB-CABLE-2M Datasheet
464Kb / 1P
Extension cable
UC-30GM-PROG PF-UC-30GM-PROG Datasheet
412Kb / 2P
Extension cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com