Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TGS2352 Datasheet (PDF) - TriQuint Semiconductor

TGS2352 Datasheet PDF - TriQuint Semiconductor
Part # TGS2352_15
Download  TGS2352 Download
File Size   558.5 Kbytes
Page   10 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description DC ??12 GHz High Power SPDT Switch

TGS2352 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGS2352 Datasheet PDF - TriQuint Semiconductor

Part # TGS2352_15
Download  TGS2352 Click to download

File Size   558.5 Kbytes
Page   10 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description DC ??12 GHz High Power SPDT Switch

TGS2352 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - TGS2352_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGS2352-2 QORVO-TGS2352-2 Datasheet
399Kb / 8P
0.5 – 12.0 GHz High Power SPDT Switch
Sept. 30, 2021
logo
TriQuint Semiconductor
TGS2352-2-SM TRIQUINT-TGS2352-2-SM Datasheet
701Kb / 11P
0.5 to 12 GHz High Power SPDT Reflective Switch
logo
Qorvo, Inc
TGS2352-2-SM QORVO-TGS2352-2-SM Datasheet
659Kb / 10P
0.5 - 12 GHz High Power SPDT Reflective Switch
Mar. 15, 23
logo
TriQuint Semiconductor
TGS2352-2-SM TRIQUINT-TGS2352-2-SM_15 Datasheet
701Kb / 11P
0.5 to 12 GHz High Power SPDT Reflective Switch
More results


Similar Description - TGS2352_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-276 MACOM-SW-276 Datasheet
118Kb / 5P
High Power GaAs SPDT Switch DC - 3.0 GHz
logo
TriQuint Semiconductor
TGS2351 TRIQUINT-TGS2351 Datasheet
446Kb / 11P
DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
DC ??6 GHz High Power SPDT Switch
TGS2352 TRIQUINT-TGS2352 Datasheet
558Kb / 10P
DC ??12 GHz High Power SPDT Switch
TGS2353 TRIQUINT-TGS2353 Datasheet
552Kb / 10P
DC ??18 GHz High Power SPDT Switch
TGS2351 TRIQUINT-TGS2351_15 Datasheet
446Kb / 11P
DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM_15 Datasheet
658Kb / 13P
DC ??6 GHz High Power SPDT Switch
TGS2353 TRIQUINT-TGS2353_15 Datasheet
552Kb / 10P
DC ??18 GHz High Power SPDT Switch
logo
Hexawave, Inc
HWS421_V3 HW-HWS421_V3_15 Datasheet
58Kb / 2P
GaAS DC-2.0 GHz SPDT High Power Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com