Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AZ943T Datasheet (PDF) - American Zettler, Inc.

AZ943T Datasheet PDF - American Zettler, Inc.
Part # AZ943T
Download  AZ943T Download
File Size   195.34 Kbytes
Page   3 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 20A switching capability

AZ943T Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ943T Datasheet PDF - American Zettler, Inc.

Part # AZ943T
Download  AZ943T Click to download

File Size   195.34 Kbytes
Page   3 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 20A switching capability

AZ943T Datasheet (HTML) - American Zettler, Inc.




Similar Part No. - AZ943T

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
63Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943-1CH-12D AZETTLER-AZ943-1CH-12D Datasheet
109Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943-1CH-12D ZETTLER-AZ943-1CH-12D Datasheet
63Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
More results


Similar Description - AZ943T

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFKM HONGFA-HFKM_17 Datasheet
62Kb / 4P
Switching capability up to 20A
HF165FD-G HONGFA-HF165FD-G_17 Datasheet
59Kb / 3P
40A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-3FF TIANBO-HJR-3FF Datasheet
528Kb / 3P
10A switching capability
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
35A switching capability
SLMA SONGLERELAY-SLMA Datasheet
3Mb / 2P
35A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
12A switching capability
HJR-78F TIANBO-HJR-78F Datasheet
1Mb / 3P
20A switching capability
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
10A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
16A switching capability
TRKM TIANBO-TRKM Datasheet
1Mb / 3P
20A switching capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com