Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT-31011 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AT-31011 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AT-31011
Download  AT-31011 Download
File Size   274.82 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Current, High Performance NPN Silicon Bipolar Transistor

AT-31011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-31011 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AT-31011
Download  AT-31011 Click to download

File Size   274.82 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Current, High Performance NPN Silicon Bipolar Transistor

AT-31011 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AT-31011 Product details

Description
Avago’s AT-31011 and AT-31033 are high performance NPN bipolar transistors that have been optimized for operation at low voltages, making them ideal for use in battery powered applications in wireless markets. The AT-31033 uses the 3 lead SOT-23, while the AT-31011 places the same die in the higher performance 4 lead SOT-143. Both packages are industry standards compatible with high volume surface mount assembly techniques.

Features
• High Performance Bipolar Transistor Optimized for
   Low Current, Low Voltage Operation
• 900 MHz Performance:
   AT-31011: 0.9 dB NF, 13 dB GA
   AT-31033: 0.9 dB NF, 11 dB GA
• Characterized for End-Of-Life Battery Use (2.7 V)
• SOT-143 SMT Plastic Package
• Tape-And-Reel Packaging Option Available
• Lead-free




Similar Part No. - AT-31011

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-31011-BLK HP-AT-31011-BLK Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011-TR1 HP-AT-31011-TR1 Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Similar Description - AT-31011

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 AVAGO-AT-32032 Datasheet
1Mb / 14P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com