Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MX9691L Datasheet (PDF) - Macronix International

MX9691L Datasheet PDF - Macronix International
Part # MX9691L
Download  MX9691L Download
File Size   194.56 Kbytes
Page   41 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description SINGLE CHIP SOLID STATE DISK CONTROLLER

MX9691L Datasheet (PDF)

Go To PDF Page Download Datasheet
MX9691L Datasheet PDF - Macronix International

Part # MX9691L
Download  MX9691L Click to download

File Size   194.56 Kbytes
Page   41 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description SINGLE CHIP SOLID STATE DISK CONTROLLER

MX9691L Datasheet (HTML) - Macronix International


MX9691L Product details

GENERAL DESCRIPTION
The Macronixs Solid State Disk controller MX9691L is a wide-range supply voltage(3.3Volt~5Volt) and fully integrated flash memory controller that provides all the control logic for PCMCIA/True IDE host and flash memory. The MX9691L combines 1KB dual-port buffer and buffer manager, integrated MX93011 DSP core, and a complete host interface for both the PC Card ATA and True IDE standard.

FEATURE
Host Interface
• PCMCIA 2.1 and PC Card ATA standard compatible.
   - Memory mapped or I/O operation.
• Compatible with all PC Card Services and Socket Service.
• Fast ATA host-to-buffer burst transfer rates up to 20MB/sec. which support PIO mode 4(16.6MB/sec) and DMA mode 2(16.6MB/sec).
• Automatic sensing of PCMCIA or True IDE host inter face.
• Integrated PCMCIA attribute memory of 256 bytes (CIS) - CIS and Buffer RAM use same SRAM area to simplify internal bus design
• PCMCIA card configuration register support.
• Polarity control for Host reset signal.
• PCMCIA twin card support.
• PCMCIA based ATA address decode support.
• Emulate the IBM task file for PC/AT.
• Separate status for Host reset signal and Host program reset.
• Separate Host and Disk interrupt pins.

Flash Memory Interface
• Support all the control signals to execute read/ write/ erase operation for flash memory.
• Flexible Disk Capacity Configuration for series type or linear type flash memory
   - Upto 32MB(unformatted) capacity for 16 pcs. 16Mbit linear type flash memory.
   - Upto 1GB(unformatted) capacity for 32 pcs. 256Mbit series type flash memory.
• Flash Memory Power Down or write protect control support.
• Flash Memory Ready/Busy status detect.
• Inverted data bus control to reduce flash memory program/erase operation in DOS FAT and ECC code field.
• Optional store firmware in flash memory array w/o external ROM while MXICs MX29F1610(linear type) used.
   - Allow code fetch in Shadow ROM during flash memory program or erase.

Buffer RAM Manager
• Dual port circular Buffer RAM control
• 1KB data Buffer RAM.
• Automatically correct error data in Buffer RAM.
   - Single word error correct and double word detect.
• Provide logic to speed up Buffer RAM access.
• Support 8 bit as well as 16 bit transfer on host bus.

DSP core
• High performance MX93011 DSP (21Mips) core.
• 4KB Internal RAM(direct access).
• 2KB Internal expansion RAM(indirect access) for store data or shadow ROM space.
• ICE debugging mode supported to ease system verification.
• Lower power and automatic power saving operation.
- Automatic Standby Mode. (Operating Current < 10mA, VCC=5.5V), wake-up by interrupt signal.
   - Very Low Operating Current Sleep Mode.
   (<1mA,VCC=5.5V), wake-up by Host reset signal or Host program reset or ATA command asserted by host.

Technology
• 128 pin LQFP(14X14X1.4 mm3)
• 128 pin TQFP(14X14X1.0 mm3)
• 0.6um Low-power, High-speed CMOS technology.
• 5Volt ± 10% or 3.3Volt ± 5%.

Utility Support
• Provide integrated test environment with 82365SL-compatible adaptor.
• Firmware upload from host and allows easy upgrade for custom feature.
• Physical devices test cover basic PCB test after assembly and more detial analysis.
• Logical sector test cover SSD functionality and data transfer test.




Similar Part No. - MX9691L

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX9691A MCNIX-MX9691A Datasheet
161Kb / 36P
SINGLE CHIP SOLID STATE DISK CONTROLLER
More results


Similar Description - MX9691L

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX9691A MCNIX-MX9691A Datasheet
161Kb / 36P
SINGLE CHIP SOLID STATE DISK CONTROLLER
logo
Austin Semiconductor
AS3SSD4GB8PBG AUSTIN-AS3SSD4GB8PBG Datasheet
768Kb / 17P
Solid State Disk On Chip (SSDoC)
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
SSD (Solid-State Disk)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com